công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

48SWTQFN-EP bảng dữ liệu(PDF) 6 Page - Maxim Integrated Products

tên linh kiện 48SWTQFN-EP
Giải thích chi tiết về linh kiện  3.12Gbps GMSL Deserializers for Coax or STP Input and MIPI CSI-2 Output
PDF  103 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MAXIM [Maxim Integrated Products]
Trang chủ  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

48SWTQFN-EP bảng dữ liệu(HTML) 6 Page - Maxim Integrated Products

Back Button 48SWTQFN-EP Datasheet HTML 2Page - Maxim Integrated Products 48SWTQFN-EP Datasheet HTML 3Page - Maxim Integrated Products 48SWTQFN-EP Datasheet HTML 4Page - Maxim Integrated Products 48SWTQFN-EP Datasheet HTML 5Page - Maxim Integrated Products 48SWTQFN-EP Datasheet HTML 6Page - Maxim Integrated Products 48SWTQFN-EP Datasheet HTML 7Page - Maxim Integrated Products 48SWTQFN-EP Datasheet HTML 8Page - Maxim Integrated Products 48SWTQFN-EP Datasheet HTML 9Page - Maxim Integrated Products 48SWTQFN-EP Datasheet HTML 10Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 103 page
background image
MAX9288/MAX9290
3.12Gbps GMSL Deserializers
for Coax or STP Input and MIPI CSI-2 Output
www.maximintegrated.com
Maxim Integrated │ 6
LIST OF FIGURES (continued)
Figure 32. RAW 14-Bit Output ............................................................... .... 45
Figure 33. User-Defined 24-Bit Output ............................................................ 46
Figure 34. User-Defined 24-Bit Output ............................................................ 47
Figure 35. Audio Channel Input Format............................................................ 50
Figure 36. 8-Channel TDM (24-Bit Samples, Padded with Zeros) ....................................... 57
Figure 37. 6-Channel TDM (24-Bit Samples, No Padding) ............................................. 57
Figure 38. Stereo I2S (24-Bit Samples, Padded with Zeros)............................................ 57
Figure 39. Stereo I2S (16-Bit Samples, No Padding) ................................................. 58
Figure 40. Audio Channel Output Format .......................................................... 59
Figure 41. GMSL UART Protocol for Base Mode .................................................... 60
Figure 42. GMSL UART Data Format for Base Mode................................................. 60
Figure 43. SYNC Byte (0x79)............................................................... ..... 60
Figure 44. ACK Byte (0xC3)............................................................... ...... 60
Figure 45. Format Conversion Between GMSL UART and I2C with Register Address (I2CMETHOD = 0) ........ 61
Figure 46. Format Conversion Between GMSL UART and I2C without Register Address (I2CMETHOD = 1) ..... 62
Figure 47. START and STOP Conditions........................................................... 63
Figure 48. Bit Transfer ............................................................... .......... 63
Figure 49. Acknowledge............................................................... ......... 64
Figure 50. Slave Address............................................................... ........ 64
Figure 51. Format for I2C Write ............................................................... ... 65
Figure 52. Format for Write to Multiple Registers .................................................... 65
Figure 53. Format for I2C Read ............................................................... ... 66
Figure 54. 2:1 Coax Splitter Connection Diagram.................................................... 68
Figure 55. Coax Connection Diagram ............................................................. 68
Figure 56. LUT Dataflow ............................................................... ........ 70
Figure 57. State Diagram (CDS = High)............................................................ 78
Figure 58. Example Network with One Repeater and Two µCs (Tx = GMSL Serializer’s, Rx = Deserializer’s)..... 78
Figure 59. Human Body Model ESD Test Circuit..................................................... 87
Figure 60. IEC 61000-4-2 Contact Discharge ESD Test Circuit . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 87
Figure 61. ISO 10605 Contact Discharge ESD Test Circuit ............................................ 87



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com