| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
48SWTQFN-EP bảng dữ liệu(PDF) 64 Page - Maxim Integrated Products |
|
|
|||||||||||||||||||||||||||||
48SWTQFN-EP bảng dữ liệu(HTML) 64 Page - Maxim Integrated Products |
|
64 / 103 page ![]() MAX9288/MAX9290 3.12Gbps GMSL Deserializers for Coax or STP Input and MIPI CSI-2 Output www.maximintegrated.com Maxim Integrated │ 64 Slave Address The deserializers have 7-bit long slave addresses. The bit following a 7-bit slave address is the R/W bit, which is low for a write command and high for a read command. The slave address for the deserializer is XX01XXX1 for read commands and XX01XXX0 for write commands. See Figure 50. Figure 49. Acknowledge Figure 50. Slave Address SCL SDA BY TRANSMITTER CLOCK PULSE FOR ACKNOWLEDGE START CONDITION SDA BY RECEIVER 1 2 8 9 S SDA X ACK SCL MSB LSB X X R/W 0 1 X X |