công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

Z8F082APH020SC bảng dữ liệu(PDF) 22 Page - Zilog, Inc.

tên linh kiện Z8F082APH020SC
Giải thích chi tiết về linh kiện  Z8 Encore XP-R F08xA Series with eXtended Peripherals
PDF  244 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ZILOG [Zilog, Inc.]
Trang chủ  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

Z8F082APH020SC bảng dữ liệu(HTML) 22 Page - Zilog, Inc.

Back Button Z8F082APH020SC Datasheet HTML 18Page - Zilog, Inc. Z8F082APH020SC Datasheet HTML 19Page - Zilog, Inc. Z8F082APH020SC Datasheet HTML 20Page - Zilog, Inc. Z8F082APH020SC Datasheet HTML 21Page - Zilog, Inc. Z8F082APH020SC Datasheet HTML 22Page - Zilog, Inc. Z8F082APH020SC Datasheet HTML 23Page - Zilog, Inc. Z8F082APH020SC Datasheet HTML 24Page - Zilog, Inc. Z8F082APH020SC Datasheet HTML 25Page - Zilog, Inc. Z8F082APH020SC Datasheet HTML 26Page - Zilog, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 244 page
background image
PS024705-0405
P R E L I M I N A R Y
Overview
Z8 Encore! XP® F08xA Series
Product Specification
4
CPU and Peripheral Overview
eZ8 CPU Features
The eZ8 CPU, ZiLOG®’s latest 8-bit Central Processing Unit (CPU), meets the continuing
demand for faster and more code-efficient microcontrollers. The eZ8 CPU executes a
superset of the original Z8® instruction set. The eZ8 CPU features include:
• Direct register-to-register architecture allows each register to function as an
accumulator, improving execution time and decreasing the required program memory
• Software stack allows much greater depth in subroutine calls and interrupts than
hardware stacks
• Compatible with existing Z8® code
• Expanded internal Register File allows access of up to 4KB
• New instructions improve execution efficiency for code developed using higher-level
programming languages, including C
• Pipelined instruction fetch and execution
• New instructions for improved performance including BIT, BSWAP, BTJ, CPC, LDC,
LDCI, LEA, MULT, and SRL
• New instructions support 12-bit linear addressing of the Register File
• Up to 10 MIPS operation
• C-Compiler friendly
• 2 to 9 clock cycles per instruction
For more information regarding the eZ8 CPU, refer to the eZ8 CPU User Manual avail-
able for download at www.zilog.com.
General Purpose I/O
The Z8 Encore! XP® F08xA Series features 6 to 25 port pins (Ports A–D) for general pur-
pose I/O (GPIO). The number of GPIO pins available is a function of package. Each pin is
individually programmable.
Flash Controller
The Flash Controller programs and erases Flash memory. The Flash Controller supports
protection against accidental program and erasure.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com