| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
Z8F082APH020SC bảng dữ liệu(PDF) 14 Page - Zilog, Inc. |
|
|
|||||||||||||||||||||||||||||
Z8F082APH020SC bảng dữ liệu(HTML) 14 Page - Zilog, Inc. |
|
14 / 244 page ![]() PS024705-0405 P R E L I M I N A R Y List of Tables Z8 Encore! XP® F08xA Series Product Specification xiv List of Tables Table 1. Revision History of this Document . . . . . . . . . . . . . . . . . . . . . . . . . . . . . iii Table 2. Z8 Encore! XP“ F08xA Series Family Part Selection Guide. . . . . . . . . . 2 Table 3. Z8 Encore! XP“ F08xA Series Package Options . . . . . . . . . . . . . . . . . . 7 Table 4. Signal Descriptions. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 9 Table 5. Pin Characteristics (20- and 28-pin Devices) . . . . . . . . . . . . . . . . . . . . 11 Table 6. Z8 Encore! XP“ F08xA Series Program Memory Maps . . . . . . . . . . . . 13 Table 7. Z8 Encore! XP“ F08xA Series Flash Memory Information Area Map. . 14 Table 8. Register File Address Map . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 15 Table 9. Reset and STOP Mode Recovery Characteristics and Latency. . . . . . 19 Table 10. Reset Sources and Resulting Reset Type . . . . . . . . . . . . . . . . . . . . . 21 Table 11. STOP Mode Recovery Sources and Resulting Action . . . . . . . . . . . . 25 Table 12. Reset Status Register (RSTSTAT). . . . . . . . . . . . . . . . . . . . . . . . . . . 26 Table 13. Power Control Register 0 (PWRCTL0). . . . . . . . . . . . . . . . . . . . . . . . 30 Table 14. Port Availability by Device and Package Type . . . . . . . . . . . . . . . . . . 31 Table 15. Port Alternate Function Mapping (20/28-Pin Parts) . . . . . . . . . . . . . . 34 Table 16. GPIO Port Registers and Sub-Registers . . . . . . . . . . . . . . . . . . . . . . 37 Table 17. Port A–D GPIO Address Registers (PxADDR). . . . . . . . . . . . . . . . . . 37 Table 18. Port A–D Control Registers (PxCTL) . . . . . . . . . . . . . . . . . . . . . . . . . 38 Table 19. Port A–D Data Direction Sub-Registers (PxDD) . . . . . . . . . . . . . . . . 39 Table 20. Port A–D Alternate Function Sub-Registers (PxAF). . . . . . . . . . . . . . 39 Table 21. Port A–D Output Control Sub-Registers (PxOC) . . . . . . . . . . . . . . . . 40 Table 22. Port A–D High Drive Enable Sub-Registers (PxHDE) . . . . . . . . . . . . 40 Table 23. Port A–D STOP Mode Recovery Source Enable Sub-Registers (Px- SMRE) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 41 Table 24. Port A–D Pull-Up Enable Sub-Registers (PxPUE) . . . . . . . . . . . . . . . 41 Table 25. Port A–D Alternate Function Set 1 Sub-Registers (PxAFS1). . . . . . . 42 Table 26. Port A–D Alternate Function Set 2 Sub-Registers (PxAFS2). . . . . . . 42 Table 27. Port A–C Input Data Registers (PxIN) . . . . . . . . . . . . . . . . . . . . . . . . 43 |
|
Link URL |
| Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không? [ DONATE ] |
Alldatasheet là | Quảng cáo | Liên lạc với chúng tôi | Chính sách bảo mật | Liên kết đến bảng dữ liệu | Trao đổi link | Tìm kiếm theo nhà sản xuất All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |