công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

Z8F082APH020SC bảng dữ liệu(PDF) 82 Page - Zilog, Inc.

tên linh kiện Z8F082APH020SC
Giải thích chi tiết về linh kiện  Z8 Encore XP-R F08xA Series with eXtended Peripherals
PDF  244 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ZILOG [Zilog, Inc.]
Trang chủ  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

Z8F082APH020SC bảng dữ liệu(HTML) 82 Page - Zilog, Inc.

Back Button Z8F082APH020SC Datasheet HTML 78Page - Zilog, Inc. Z8F082APH020SC Datasheet HTML 79Page - Zilog, Inc. Z8F082APH020SC Datasheet HTML 80Page - Zilog, Inc. Z8F082APH020SC Datasheet HTML 81Page - Zilog, Inc. Z8F082APH020SC Datasheet HTML 82Page - Zilog, Inc. Z8F082APH020SC Datasheet HTML 83Page - Zilog, Inc. Z8F082APH020SC Datasheet HTML 84Page - Zilog, Inc. Z8F082APH020SC Datasheet HTML 85Page - Zilog, Inc. Z8F082APH020SC Datasheet HTML 86Page - Zilog, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 82 / 244 page
background image
PS024705-0405
P R E L I M I N A R Y
Timers
Z8 Encore! XP® F08xA Series
Product Specification
64
1. Write to the Timer Control register to:
–
Disable the timer
–
Configure the timer for PWM mode.
–
Set the prescale value.
–
Set the initial logic level (High or Low) and PWM High/Low transition for the
Timer Output alternate function.
2. Write to the Timer High and Low Byte registers to set the starting count value
(typically 0001H). This only affects the first pass in PWM mode. After the first timer
reset in PWM mode, counting always begins at the reset value of 0001H.
3. Write to the PWM High and Low Byte registers to set the PWM value.
4. Write to the Timer Reload High and Low Byte registers to set the Reload value (PWM
period). The Reload value must be greater than the PWM value.
5. If appropriate, enable the timer interrupt and set the timer interrupt priority by writing
to the relevant interrupt registers.
6. Configure the associated GPIO port pin for the Timer Output alternate function.
7. Write to the Timer Control register to enable the timer and initiate counting.
The PWM period is represented by the following equation:
If an initial starting value other than 0001H is loaded into the Timer High and Low Byte
registers, use the ONE-SHOT mode equation to determine the first PWM time-out period.
If TPOL is set to 0, the ratio of the PWM output High time to the total period is repre-
sented by:
If TPOL is set to 1, the ratio of the PWM output High time to the total period is repre-
sented by:
PWM Dual Output Mode
In PWM DUAL OUTPUT mode, the timer outputs a Pulse-Width Modulated (PWM) out-
put signal pair (basic PWM signal and its complement) through two GPIO Port pins. The
timer input is the system clock. The timer first counts up to the 16-bit PWM match value
PWM Period (s)
Reload Value Prescale
×
System Clock Frequency (Hz)
----------------------------------------------------------------------------
=
PWM Output High Time Ratio (%)
Reload Value
PWM Value
–
Reload Value
------------------------------------------------------------------------ 100
×
=
PWM Output High Time Ratio (%)
PWM Value
Reload Value
---------------------------------- 100
×
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com