công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

Z8F082APH020SC bảng dữ liệu(PDF) 79 Page - Zilog, Inc.

tên linh kiện Z8F082APH020SC
Giải thích chi tiết về linh kiện  Z8 Encore XP-R F08xA Series with eXtended Peripherals
PDF  244 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ZILOG [Zilog, Inc.]
Trang chủ  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

Z8F082APH020SC bảng dữ liệu(HTML) 79 Page - Zilog, Inc.

Back Button Z8F082APH020SC Datasheet HTML 75Page - Zilog, Inc. Z8F082APH020SC Datasheet HTML 76Page - Zilog, Inc. Z8F082APH020SC Datasheet HTML 77Page - Zilog, Inc. Z8F082APH020SC Datasheet HTML 78Page - Zilog, Inc. Z8F082APH020SC Datasheet HTML 79Page - Zilog, Inc. Z8F082APH020SC Datasheet HTML 80Page - Zilog, Inc. Z8F082APH020SC Datasheet HTML 81Page - Zilog, Inc. Z8F082APH020SC Datasheet HTML 82Page - Zilog, Inc. Z8F082APH020SC Datasheet HTML 83Page - Zilog, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 79 / 244 page
background image
PS024705-0405
P R E L I M I N A R Y
Timers
Z8 Encore! XP® F08xA Series
Product Specification
61
–
If using the Timer Output alternate function, set the initial output level (High or
Low).
2. Write to the Timer High and Low Byte registers to set the starting count value (usually
0001H
). This action only affects the first pass in CONTINUOUS mode. After the first
timer Reload in CONTINUOUS mode, counting always begins at the reset value of
0001H
.
3. Write to the Timer Reload High and Low Byte registers to set the Reload value.
4. Enable the timer interrupt (if appropriate) and set the timer interrupt priority by
writing to the relevant interrupt registers.
5. Configure the associated GPIO port pin (if using the Timer Output function) for the
Timer Output alternate function.
6. Write to the Timer Control register to enable the timer and initiate counting.
In CONTINUOUS mode, the system clock always provides the timer input. The timer
period is given by the following equation:
If an initial starting value other than 0001H is loaded into the Timer High and Low Byte
registers, use the ONE-SHOT mode equation to determine the first time-out period.
COUNTER Mode
In COUNTER mode, the timer counts input transitions from a GPIO port pin. The timer
input is taken from the GPIO Port pin Timer Input alternate function. The TPOL bit in the
Timer Control Register selects whether the count occurs on the rising edge or the falling
edge of the Timer Input signal. In COUNTER mode, the prescaler is disabled.
The input frequency of the Timer Input signal must not exceed one-fourth the system
clock frequency.
Upon reaching the Reload value stored in the Timer Reload High and Low Byte registers,
the timer generates an interrupt, the count value in the Timer High and Low Byte registers
is reset to 0001H and counting resumes. Also, if the Timer Output alternate function is
enabled, the Timer Output pin changes state (from Low to High or from High to Low) at
timer Reload.
The steps for configuring a timer for COUNTER mode and initiating the count are as fol-
lows:
1. Write to the Timer Control register to:
–
Disable the timer
–
Configure the timer for COUNTER mode
Continuous Mode Time-Out Period (s)
Reload Value
Prescale
×
System Clock Frequency (Hz)
----------------------------------------------------------------------------
=
Caution:



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com