công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

Z8F082APH020SC bảng dữ liệu(PDF) 89 Page - Zilog, Inc.

tên linh kiện Z8F082APH020SC
Giải thích chi tiết về linh kiện  Z8 Encore XP-R F08xA Series with eXtended Peripherals
PDF  244 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ZILOG [Zilog, Inc.]
Trang chủ  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

Z8F082APH020SC bảng dữ liệu(HTML) 89 Page - Zilog, Inc.

Back Button Z8F082APH020SC Datasheet HTML 85Page - Zilog, Inc. Z8F082APH020SC Datasheet HTML 86Page - Zilog, Inc. Z8F082APH020SC Datasheet HTML 87Page - Zilog, Inc. Z8F082APH020SC Datasheet HTML 88Page - Zilog, Inc. Z8F082APH020SC Datasheet HTML 89Page - Zilog, Inc. Z8F082APH020SC Datasheet HTML 90Page - Zilog, Inc. Z8F082APH020SC Datasheet HTML 91Page - Zilog, Inc. Z8F082APH020SC Datasheet HTML 92Page - Zilog, Inc. Z8F082APH020SC Datasheet HTML 93Page - Zilog, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 89 / 244 page
background image
PS024705-0405
P R E L I M I N A R Y
Timers
Z8 Encore! XP® F08xA Series
Product Specification
71
4. Enable the timer interrupt, if appropriate, and set the timer interrupt priority by writing
to the relevant interrupt registers.By default, the timer interrupt are generated for both
input capture and reload events. If appropriate, configure the timer interrupt to be
generated only at the input capture event or the reload event by setting TICONFIG
field of the TxCTL1 register.
5. Configure the associated GPIO port pin for the Timer Input alternate function.
6. Write to the Timer Control register to enable the timer.
7. Counting begins on the first appropriate transition of the Timer Input signal. No
interrupt is generated by this first edge.
In CAPTURE/COMPARE mode, the elapsed time from timer start to Capture event can be
calculated using the following equation:
Reading the Timer Count Values
The current count value in the timers can be read while counting (enabled). This capability
has no effect on timer operation. When the timer is enabled and the Timer High Byte reg-
ister is read, the contents of the Timer Low Byte register are placed in a holding register. A
subsequent read from the Timer Low Byte register returns the value in the holding register.
This operation allows accurate reads of the full 16-bit timer count value while enabled.
When the timers are not enabled, a read from the Timer Low Byte register returns the
actual value in the counter.
Timer Pin Signal Operation
Timer Output is a GPIO Port pin alternate function. The Timer Output is toggled every
time the counter is reloaded.
The timer input can be used as a selectable counting source. It shares the same pin as the
complementary timer output. When selected by the GPIO Alternate Function Registers,
this pin functions as a timer input in all modes except for the DUAL PWM OUTPUT
mode. For this mode, there is no timer input available.
Capture Elapsed Time (s)
Capture Value
Start Value
–
() Prescale
×
System Clock Frequency (Hz)
---------------------------------------------------------------------------------------------------------
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com