công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

AT25SL641 bảng dữ liệu(PDF) 34 Page - Dialog Semiconductor

tên linh kiện AT25SL641
Giải thích chi tiết về linh kiện  64-Mbit, 1.7V Minimum SPI Serial Flash Memory with Dual I/O, Quad I/O and QPI Support
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  DIALOG [Dialog Semiconductor]
Trang chủ  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

AT25SL641 bảng dữ liệu(HTML) 34 Page - Dialog Semiconductor

Back Button AT25SL641 Datasheet HTML 30Page - Dialog Semiconductor AT25SL641 Datasheet HTML 31Page - Dialog Semiconductor AT25SL641 Datasheet HTML 32Page - Dialog Semiconductor AT25SL641 Datasheet HTML 33Page - Dialog Semiconductor AT25SL641 Datasheet HTML 34Page - Dialog Semiconductor AT25SL641 Datasheet HTML 35Page - Dialog Semiconductor AT25SL641 Datasheet HTML 36Page - Dialog Semiconductor AT25SL641 Datasheet HTML 37Page - Dialog Semiconductor AT25SL641 Datasheet HTML 38Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 76 page
background image
33
AT25SL641
DS-25SL641–113F–12/2018
7.17
4 KByte Block Erase (20h)
The Block Erase instruction is used to erase the data of the selected block by setting the memory locations to “1”. The
instruction is used to erase a 4 KB block. Prior to the Block Erase Instruction, the Write Enable instruction must be
issued. The instruction is initiated by driving the CS pin low and shifting the instruction code 20h followed by a 24-bit
block address (A23 - A0). (Please refer to Figure 7-25 and Figure 7-26).
The CS pin must go high after the eighth bit of the last byte has been latched in, otherwise, the Block Erase instruction
will not be executed. After CS goes high, the self-timed Block Erase instruction commences for a time duration of t
SE
(See AC Characteristics).
While the Block Erase cycle is in progress, the Read Status Register instruction may still be accessed for checking the
status of the BUSY bit. The BUSY bit is a 1 during the Block Erase cycle and becomes a 0 when the cycle is finished
and the device is ready to accept other instructions. When the BUSY bit is asserted, the Write Enable Latch (WEL) bit in
the Status Register is cleared to 0.
Figure 7-25. 4 KByte Block Erase Instruction (SPI Mode)
Figure 7-26. 4 KByte Block Erase Instruction (QPI Mode)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com