công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

AT25SL641 bảng dữ liệu(PDF) 68 Page - Dialog Semiconductor

tên linh kiện AT25SL641
Giải thích chi tiết về linh kiện  64-Mbit, 1.7V Minimum SPI Serial Flash Memory with Dual I/O, Quad I/O and QPI Support
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  DIALOG [Dialog Semiconductor]
Trang chủ  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

AT25SL641 bảng dữ liệu(HTML) 68 Page - Dialog Semiconductor

Back Button AT25SL641 Datasheet HTML 64Page - Dialog Semiconductor AT25SL641 Datasheet HTML 65Page - Dialog Semiconductor AT25SL641 Datasheet HTML 66Page - Dialog Semiconductor AT25SL641 Datasheet HTML 67Page - Dialog Semiconductor AT25SL641 Datasheet HTML 68Page - Dialog Semiconductor AT25SL641 Datasheet HTML 69Page - Dialog Semiconductor AT25SL641 Datasheet HTML 70Page - Dialog Semiconductor AT25SL641 Datasheet HTML 71Page - Dialog Semiconductor AT25SL641 Datasheet HTML 72Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 76 page
background image
67
AT25SL641
DS-25SL641–113F–12/2018
Notes:
1. Clock high + Clock low must be less than or equal to 1/fc.
2. Value guaranteed by design and/or characterization, not 100% tested in production.
3. Contains: Read Status Register-1,2/ Read Manufacturer/Device ID, Dual, Quad/ Read JEDEC ID/ Read Security Register/ Read Serial
Flash Discovery Parameter.
4. Only applicable as a constraint for a Write Status Register instruction when Sector Protect Bit is set to 1.
5. Commercial temperature only applies to Fast Read (FR). Industrial temperature applies to all other parameters.
HOLD Active Setup Time relative to Clock
t
HLCH
5
ns
HOLD Active Hold Time relative to Clock
t
CHHH
5
ns
HOLD Not Active Setup Time relative to Clock
t
HHCH
5
ns
HOLD Not Active Hold Time relative to Clock
tCHHL
5
ns
HOLD to Output Low-Z
tHHQX
(2)
tLZ
7
ns
HOLD to Output High-Z
tHLQZ
(2)
tHZ
12
ns
Write Protect Setup Time Before CS Low
t
WHSL
(4)
20
ns
Write Protect Setup Time After CS High
t
SHWL
(4)
100
ns
CS High to Power Down Mode
t
DP
(2)
3
µs
CS High to Standby Mode without
Electronic Signature Read
t
RES1
(2)
3
µs
CS High to Standby Mode with
Electronic Signature Read
t
RES2
(2)
1.8
µs
CS High to next Instruction after Suspend
t
SUS
(2)
30
µs
CS High to next Instruction after Reset
tRST
(2)
30
µs
Write Status Register Time
tw
5
15
ms
Byte Program Time
tBP
5
150
µs
Page Program Time
tPP
0.6
5
ms
Page Program Time (ACC = 9V)
tPP
0.3
3
ms
Block Erase Time (4KB)
tSE
0.06
0.4
s
Block Erase Time (32KB)
tBE1
0.2
1.5
s
Block Erase Time (64KB)
tBE2
0.35
2
s
Chip Erase Time
tCE
60
150
s
Table 8-7.
AC Electrical Characteristics (Continued)
Parameter(5)
Symbol
Alt
Min
Typ
Max
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com