| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
AT25SL641 bảng dữ liệu(PDF) 28 Page - Dialog Semiconductor |
|
|
|||||||||||||||||||||||||||||
AT25SL641 bảng dữ liệu(HTML) 28 Page - Dialog Semiconductor |
|
28 / 76 page ![]() 27 AT25SL641 DS-25SL641–113F–12/2018 If Mode bits (M7-0) are any value other “Ax” hex, the next instruction (after CS is raised and then lowered) requires the first byte instruction code, thus returning to normal operation. A mode bit reset can be used to reset Mode bits (M7- 0) before issuing normal instructions. The bits of the lower nibble (M3-0) are don’t care (“X”). However, the I/O pins should be high-impedance prior to the falling edge of the first data out clock. Figure 7-16. Fast Read Dual I/O Instruction (initial instruction or previous M7-0 ≠ Axh) |