công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

68HC705JB4 bảng dữ liệu(PDF) 103 Page - Freescale Semiconductor, Inc

tên linh kiện 68HC705JB4
Giải thích chi tiết về linh kiện  68HC05JB4
PDF  134 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  FREESCALE [Freescale Semiconductor, Inc]
Trang chủ  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

68HC705JB4 bảng dữ liệu(HTML) 103 Page - Freescale Semiconductor, Inc

Back Button 68HC705JB4 Datasheet HTML 99Page - Freescale Semiconductor, Inc 68HC705JB4 Datasheet HTML 100Page - Freescale Semiconductor, Inc 68HC705JB4 Datasheet HTML 101Page - Freescale Semiconductor, Inc 68HC705JB4 Datasheet HTML 102Page - Freescale Semiconductor, Inc 68HC705JB4 Datasheet HTML 103Page - Freescale Semiconductor, Inc 68HC705JB4 Datasheet HTML 104Page - Freescale Semiconductor, Inc 68HC705JB4 Datasheet HTML 105Page - Freescale Semiconductor, Inc 68HC705JB4 Datasheet HTML 106Page - Freescale Semiconductor, Inc 68HC705JB4 Datasheet HTML 107Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 103 / 134 page
background image
February 24, 1999
GENERAL RELEASE SPECIFICATION
MC68HC05JB4
ANALOG TO DIGITAL CONVERTER
MOTOROLA
REV 2
11-5
11.4
ADC DURING LOW POWER MODES
The ADC continues normal operation in WAIT mode. To reduce power consump-
tion in WAIT mode, the ADON and ADRC bits in the ADSCR should be cleared if
the ADC is not used. If the ADC is in use and the internal bus clock is above
1MHz, it is recommended that the ADRC bit be cleared.
In STOP mode, the ADC stops operation.
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More