công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

68HC705JB4 bảng dữ liệu(PDF) 83 Page - Freescale Semiconductor, Inc

tên linh kiện 68HC705JB4
Giải thích chi tiết về linh kiện  68HC05JB4
PDF  134 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  FREESCALE [Freescale Semiconductor, Inc]
Trang chủ  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

68HC705JB4 bảng dữ liệu(HTML) 83 Page - Freescale Semiconductor, Inc

Back Button 68HC705JB4 Datasheet HTML 79Page - Freescale Semiconductor, Inc 68HC705JB4 Datasheet HTML 80Page - Freescale Semiconductor, Inc 68HC705JB4 Datasheet HTML 81Page - Freescale Semiconductor, Inc 68HC705JB4 Datasheet HTML 82Page - Freescale Semiconductor, Inc 68HC705JB4 Datasheet HTML 83Page - Freescale Semiconductor, Inc 68HC705JB4 Datasheet HTML 84Page - Freescale Semiconductor, Inc 68HC705JB4 Datasheet HTML 85Page - Freescale Semiconductor, Inc 68HC705JB4 Datasheet HTML 86Page - Freescale Semiconductor, Inc 68HC705JB4 Datasheet HTML 87Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 83 / 134 page
background image
February 24, 1999
GENERAL RELEASE SPECIFICATION
MC68HC05JB4
UNIVERSAL SERIAL BUS MODULE
MOTOROLA
REV 2
10-17
Figure 10-19. Flow Diagram for Bit Stuffing
10.5
I/O REGISTER DESCRIPTION
The USB Endpoint registers are comprised of a set of control/status registers and
twenty-four data registers that provide storage for the buffering of data between
the USB and the CPU. These registers are shown in Table 10-2.
Table 10-2. Register Summary
POWER UP
NO PACKET
TRANSMISSION
IDLE
NO
YES
IS PACKAGE
TRANSFER
DONE?
NO
YES
RESET THE BIT
COUNTER TO 0
INSERT A
ZERO BIT
COUNTER = 6?
INCREMENT
THE COUNTER
= 0
= 1
BIT VALUE?
GET NEXT
BIT
RESET BIT
COUNTER TO 0
BEGIN PACKET
TRANSMISSION
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com