| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
68HC705JB4 bảng dữ liệu(PDF) 57 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
68HC705JB4 bảng dữ liệu(HTML) 57 Page - Freescale Semiconductor, Inc |
|
57 / 134 page ![]() February 24, 1999 GENERAL RELEASE SPECIFICATION MC68HC05JB4 16-BIT TIMER MOTOROLA REV 2 9-1 SECTION 9 16-BIT TIMER This 16-bit Programmable Timer (Timer1) has an Input Capture function and an Output Compare function. Figure 9-1 shows a block diagram of the 16-bit pro- grammable timer. Figure 9-1. Programmable Timer Block Diagram TMRH ($0018) TMRL ($0019) 16-BIT COUNTER ÷ 4 INTERNAL (fOSC ÷ 2) TIMER CONTROL REGISTER TIMER REQUEST RESET CLOCK INTERRUPT ACRH ($001A) ACRL ($001B) 16-BIT COMPARATOR OCRH ($0016) OCRL ($0017) ICAP1 EDGE SELECT & DETECT TIMER STATUS REGISTER $0012 $0013 INTERNAL DATA BUS LOGIC ICRH ($0014) ICRL ($0015) Freescale Semiconductor, Inc. For More Information On This Product, Go to: www.freescale.com |