| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
ST25R3918 bảng dữ liệu(PDF) 42 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
ST25R3918 bảng dữ liệu(HTML) 42 Page - STMicroelectronics |
|
42 / 142 page ![]() Application information ST25R3918 42/142 DS13490 Rev 1 4.3 Communication with an external microcontroller The ST25R3918 communicates with a microcontroller either via an SPI interface or via an I2C interface. On both interfaces the ST25R3918 acts as a slave device, relying on the microcontroller to initiate all communication. To notify the microcontroller of completed commands or external events (e.g. peer device field on) the ST25R3918 signals an interrupt on the IRQ pin. The ST25R3918 can also provide a configurable clock signal to the microcontroller on the MCU_CLK pin. 4.3.1 Interrupt interface There are four interrupt registers implemented in the ST25R3918: Main interrupt register Timer and NFC interrupt register Error and wake-up interrupt register Passive target interrupt register When an interrupt condition is met the source of interrupt bit is set and the IRQ pin transitions to high. The microcontroller then reads the Main interrupt register to distinguish between different interrupt sources. After a particular interrupt register is read, its content is reset to 0. The IRQ pin transitions to low after the interrupt bit(s) that caused its transition to high has (have) been read. Note: There may be more than one interrupt bit set if the microcontroller does not immediately read the interrupt registers after the IRQ signal is set and another event causing an interrupt occurs. In this case the IRQ pin transitions to low after the last bit causing interrupt is read. Note: It is recommended to set a safety timer on the host to cover the transceive window. If an interrupt from a certain source is not required it can be disabled by setting the corresponding bit in the Mask interrupt registers. In case of masking a certain interrupt source the IRQ line is not set high, but the interrupt status bit is still set in IRQ status registers. Reading the IRQ status registers presents and clears also the masked interrupt bits. If some interrupts are masked, and set to 1 because of an IRQ event, and later on one of them unmasks the IRQ status bit that is already set, the IRQ line is immediately set to high. This notifies the host system that there are some interrupt events not yet read out. IRQ line and IRQ status bits are cleared at: Set default Reading the IRQ status Stop all activities Clear FIFO. Table 7. IRQ output Name Signal Level Description IRQ Digital output CMOS Interrupt output pin |
|
Link URL |
| Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không? [ DONATE ] |
Alldatasheet là | Quảng cáo | Liên lạc với chúng tôi | Chính sách bảo mật | Liên kết đến bảng dữ liệu | Trao đổi link | Tìm kiếm theo nhà sản xuất All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |