công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ST25R3918 bảng dữ liệu(PDF) 54 Page - STMicroelectronics

tên linh kiện ST25R3918
Giải thích chi tiết về linh kiện  Multi-purpose NFC transceiver
PDF  142 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  STMICROELECTRONICS [STMicroelectronics]
Trang chủ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST25R3918 bảng dữ liệu(HTML) 54 Page - STMicroelectronics

Back Button ST25R3918 Datasheet HTML 50Page - STMicroelectronics ST25R3918 Datasheet HTML 51Page - STMicroelectronics ST25R3918 Datasheet HTML 52Page - STMicroelectronics ST25R3918 Datasheet HTML 53Page - STMicroelectronics ST25R3918 Datasheet HTML 54Page - STMicroelectronics ST25R3918 Datasheet HTML 55Page - STMicroelectronics ST25R3918 Datasheet HTML 56Page - STMicroelectronics ST25R3918 Datasheet HTML 57Page - STMicroelectronics ST25R3918 Datasheet HTML 58Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 142 page
background image
Application information
ST25R3918
54/142
DS13490 Rev 1
4.4
Direct commands
Table 11. List of direct commands
Code
(hex)
Name
Comments
Chaining
Interrupt after
termination
Operation
mode(1)
C0, C1 Set default
Puts the ST25R3918 into power-up
state
No
No
All
C2, C3 Stop all activities
Stops all activities: transmission,
reception, direct command
execution, timers
Yes
No
en
C4
Transmit with CRC
Starts a transmit sequence with
automatic CRC generation
Yes
No
en
C5
Transmit without CRC
Starts a transmit sequence without
automatic CRC generation
Yes
No
en
C6
Transmit REQA
Transmits REQA command
(ISO14443A mode only)
Yes
No
en, tx_en
C7
Transmit WUPA
Transmits WUPA command
(ISO14443A mode only)
Yes
No
en, tx_en
C8
NFC initial field ON
Performs Initial RF Collision
avoidance and switches on the field
Yes
Yes
en
C9
NFC response field ON
Performs Response RF Collision
avoidance and switches on the field
Yes
Yes
en
CD
Go to sense (Idle)
Puts the passive target logic into
Sense (Idle) state
Yes
No
en, rx_en
CE
Go to sleep (Halt)
Puts the passive target logic into
Sleep (Halt) state
Yes
No
en, rx_en
D0
Mask receive data
Stops receivers and RX decoders
Yes
No
All
D1
Unmask receive data
Starts receivers and RX decoders
Yes
No
All
D2
Change AM modulation
state
Changes AM modulation state
Yes
No
en, tx_en
D3
Measure amplitude
Measures the amplitude of the
signal present on RFI inputs and
stores the result in the A/D
converter output register
No
Yes
All(2)
D5
Reset RX gain
Resets receiver gain to the value in
the Receiver configuration register 4
No
No
en
D6
Adjust regulators
Adjusts supply regulators according
to the current supply voltage level
No
Yes
en
D8
Calibrate driver timing
Starts the driver timing calibration
according to the setting in the TX
driver timing display register
No
No
en
D9
Measure phase
Measures the phase difference
between the signal on RFO and RFI
No
Yes
All(2)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com