| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
ST25R3918 bảng dữ liệu(PDF) 19 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
ST25R3918 bảng dữ liệu(HTML) 19 Page - STMicroelectronics |
|
19 / 142 page ![]() DS13490 Rev 1 19/142 ST25R3918 Pin and signal description 141 3 Pin and signal description Figure 4. ST25R3918 QFN32 pinout (top view) Table 1. ST25R3918 - VFQFPN32 pin assignment VFQFPN32 Name Type(1) Description 1 VDD_IO P Positive supply for peripheral communication 2 NC - Do not connect 3 VDD_D AO Digital supply regulator output 4 XTO AO X’tal oscillator output 5 XTI AI/DI X’tal oscillator input, in test mode used as digital input (clock) 6 GND_D P Digital ground 7 VDD_A AO Analog supply regulator output 8 VDD P External positive supply 9 VDD_RF AO Regulated driver supply for antenna drivers 10 VDD_TX P External positive supply for the TX part 11 VDD_AM AO Regulated driver supply for AM modulation 12 GND_DR P Antenna driver ground, including driver VSS 13 RFO1 AO Antenna driver output 14 VDD_DR P Antenna driver positive supply input 15 RFO2 AO Antenna driver output 16 GND_DR P Antenna driver ground, including driver VSS 33 MS54049V1 25 26 1 30 39 28 27 2 32 1 2 3 4 5 6 7 8 VDD_IO VDD_D NC XTO XTI GND_D VDD_A VDD 95 16 1 3 14 1 1 12 1 10 24 23 22 21 20 19 18 17 AGDC RFI2 RFI1 VSS I2C_EN NC NC EXT_LM VFQFPN32 |