| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
ST25R3918 bảng dữ liệu(PDF) 13 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
ST25R3918 bảng dữ liệu(HTML) 13 Page - STMicroelectronics |
|
13 / 142 page ![]() DS13490 Rev 1 13/142 ST25R3918 Description 141 2.1 System diagram Figure 1 and Figure 2 show the minimum system configuration for, respectively, single ended and differential antenna configurations. Both include the EMC filter. Figure 1. Minimum system configuration - Single sided antenna driving MS54046V1 Antenna coil MCU +2.4 to +5.5 V +1.65 to +5.5 V VDD VDD_TX BSS MISO MOSI SCLK IRQ MCU_CLK RF01 RF02 RFI1 RFI2 ST25R3918 AGD VSS VDD_A VDD_AM GND_A VDD_IO XTI XTO VDD_D GND_D GND_DR GND_DR I2C_EN EXT_LM VDD_RF VDD_DR |