công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ST25R3918 bảng dữ liệu(PDF) 15 Page - STMicroelectronics

tên linh kiện ST25R3918
Giải thích chi tiết về linh kiện  Multi-purpose NFC transceiver
PDF  142 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  STMICROELECTRONICS [STMicroelectronics]
Trang chủ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST25R3918 bảng dữ liệu(HTML) 15 Page - STMicroelectronics

Back Button ST25R3918 Datasheet HTML 11Page - STMicroelectronics ST25R3918 Datasheet HTML 12Page - STMicroelectronics ST25R3918 Datasheet HTML 13Page - STMicroelectronics ST25R3918 Datasheet HTML 14Page - STMicroelectronics ST25R3918 Datasheet HTML 15Page - STMicroelectronics ST25R3918 Datasheet HTML 16Page - STMicroelectronics ST25R3918 Datasheet HTML 17Page - STMicroelectronics ST25R3918 Datasheet HTML 18Page - STMicroelectronics ST25R3918 Datasheet HTML 19Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 142 page
background image
DS13490 Rev 1
15/142
ST25R3918
Description
141
2.2
Block diagram
The ST25R3918 block diagram is shown in Figure 3, the main functions are described in the
following subsections.
Figure 3. ST25R3918 block diagram
2.2.1
Transmitter
In reader mode the transmitter drives an external antenna through pins RFO1 and RFO2 to
generate the RF field. Single sided and differential antenna configurations are supported.
The transmitter block also generates the OOK or AM modulation of the transmitted RF
signal.
The transmitter can either operate RFO1 and RFO2 independently to drive up to two
antennas in single ended configuration or operate RFO1 and RFO2 combined to drive one
antenna in differential configuration. The drivers are designed to directly drive antenna(s)
integrated on the PCB as well as antennas connected with 50 Ω cables. Some of the
advanced features are not fully usable if the antenna is connected with a 50 Ω cable.
In card emulation mode the transmitter generates the load modulation signal by changing
the resistance of the internal antenna driver connected to the antenna via RFO1 and RFO2.
The transmitter can also drive an external MOS transistor via the EXT_LM pin to generate
the load modulation signal.
ST25R3918
Receiver
Phase and
amplitude
detector
Transmitter
VDD_A, VDD_D
reference regulator
A/D
converter
XTAL oscillator
POR
and
Bias
External field
detector
XTO
XTI
RFO1
RFO2
RFI1
RFI2
RC oscillator
Digital part
SPI
FIFO
512 bytes
Control logic
SPI/I2C
interfaces
RX decoding
Wake-up
timer
Level shifters
VDD_IO
IRQ
MCU_CLK
Passive
target
memory
TX coding
Passive
target
SDD logic
P2RAM
6 bytes
Protocol
timers
Registers
74 bytes
VDD_RF, VDD_AM
regulator
VDD_TX
VDD_RF
VDD_AM
VDD_DR
VDD VDD_A VDD_D
I2C_EN
EXT_LM
MS54048V1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com