công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MAX17843ACBV bảng dữ liệu(PDF) 104 Page - Maxim Integrated Products

tên linh kiện MAX17843ACBV
Giải thích chi tiết về linh kiện  12-Channel, High-Voltage Smart Sensor Data-Acquisition Interface
PDF  131 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MAXIM [Maxim Integrated Products]
Trang chủ  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX17843ACBV bảng dữ liệu(HTML) 104 Page - Maxim Integrated Products

Back Button MAX17843ACBV Datasheet HTML 100Page - Maxim Integrated Products MAX17843ACBV Datasheet HTML 101Page - Maxim Integrated Products MAX17843ACBV Datasheet HTML 102Page - Maxim Integrated Products MAX17843ACBV Datasheet HTML 103Page - Maxim Integrated Products MAX17843ACBV Datasheet HTML 104Page - Maxim Integrated Products MAX17843ACBV Datasheet HTML 105Page - Maxim Integrated Products MAX17843ACBV Datasheet HTML 106Page - Maxim Integrated Products MAX17843ACBV Datasheet HTML 107Page - Maxim Integrated Products MAX17843ACBV Datasheet HTML 108Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 104 / 131 page
background image
BIT
POR
NAME
DESCRIPTION
D15
0
Reserved
Always reads logic-zero.
D14
D13
0
ALRTUVAIN1
Indicates VAIN1 < AINOT (hot). Cleared at next acquisition if the condition is false.
Read-only.
D12
0
ALRTUVAIN0
Indicates VAIN0 < AINOT (hot). Cleared at next acquisition if the condition is false.
Read-only.
D11
0
ALRTUV[12:1]
ALRTUV[n] indicates VCELLn < VUV (UVTHRSET threshold) if ALRTUVEN[n] = 1 . Cleared
at next acquisition if the condition is false. Read-only.
D10
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
BIT
POR
NAME
DESCRIPTION
D15
0
Reserved
Always reads logic-zero.
D14
D13
D12
D11
0
ALRTBALSW[11:0]
ALRTBALSW[n] indicates the corresponding measurement result exceeds the threshold
specified by BALSWDIAG[2:0]. Cleared at next acquisition if the condition is false.
Read-only.
D10
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
MAX17843
12-Channel, High-Voltage Smart Sensor
Data-Acquisition Interface
www.maximintegrated.com
Maxim Integrated │ 104
ALRTUVCELL Register (address 0x07)
ALRTBALSW Register (address 0x08)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com