| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
MAX17843ACBV bảng dữ liệu(PDF) 53 Page - Maxim Integrated Products |
|
|
|||||||||||||||||||||||||||||
MAX17843ACBV bảng dữ liệu(HTML) 53 Page - Maxim Integrated Products |
|
53 / 131 page ![]() UART Loopback For the last device in the stack, the data must be looped back from the upper transmitter to the upper receiver. This is known as loopback and can be configured externally (default) or internally. External Loopback Mode External loopback mode (default) uses a two-wire cable to connect the upper transmitter (TXU) to the upper receiver (RXU). The external loopback has two advantages: 1) It is quicker to determine device count for applica- tions where the host does not assume what the device count is. 2) It helps to match the supply current of the last device to that of the other daisy-chain devices (because the hardware configuration is identical). Internal Loopback Mode Internal-loopback mode (LASTLOOP = 1) routes the upper-port transmit data internally to the upper-port receiv- er. Any signal present on the upper-port receiver input pins is ignored in the internal loopback mode; therefore, when LASTLOOP is set, the write command that was forwarded to any upstack devices is interrupted in the downstack direction. The host should expect this and read the LASTLOOP bit to verify that the write was successful. If the MAX17841B interface is used, its receive buffer should be cleared before changing LASTLOOP, and cleared again after changing the loopback configuration because the communication was interrupted. Internal-loopback mode is useful to diagnose the location of a daisy-chain signal break by enabling the internal-loop- back mode on the first device, checking communication, then moving the loopback mode to the next device, and continuing up the stack until communication is lost. Baud Rate Detection The UART can operate at a baud rate of 2Mb/s (default), 1Mb/s, or 0.5Mb/s. The baud rate is controlled by the host and is automatically detected by the device when the first preamble character is received after reset. If the host changes the baud rate after reset, it must issue another reset, which can be done by setting the SPOR bit, and resend a minimum of 2 x n preambles (where n is the number of devices). The 2 x n preambles are necessary since the transmitter for the upper port will not transmit data until the lower-port receiver has detected the baud rate; likewise, the transmitter on the lower port will not transmit data until the upper-port receiver has detected the baud rate. A simple way to do this is for the host to start transmitting preambles and stop when a preamble has been received back at the host RX port. TX Adaptive Mode for Single-Ended Mode To overcome the error tolerance limitation when connect- ing a MAX17843 to a conventional UART port, an adaptive transmit-timing feature has been added. The feature works by monitoring the location of the incoming Manchester transitions at the RXL port, with respect to the local clock, to calculate a correction factor. This correction factor is then applied to the TXL port so the outgoing downstack signal has similar timing characteristics to the incoming upstack signal. With this adaptive transmit timing, the interface between a conventional UART node and a Maxim proprietary battery-monitoring system node has a tolerance for baud-rate mismatch that is much higher than that of the conventional receiver port alone giving a high level of timing margin for direct connection applications. TX adap- tive mode should be enabled only on the bottom device (device connected to BMS micro or Maxim SPI-to-UART bridge IC). Battery-Management UART Protocol The battery-management UART protocol uses the follow- ing features to maximize the integrity of the communica- tions: ● All transmitted data bytes are Manchester-encoded, where each data bit is transmitted twice with the 2nd bit inverted (G.E. Thomas convention). ● Every transmitted character contains 12 bits that include a start bit, a parity bit, and two stop bits. ● Read/write packets contain a CRC-8 packet error checking (PEC) byte ● Each packet is framed by a preamble character and STOP character. ● Read packets contain a data-check byte for verifying the integrity of the transmission. The protocol is also designed to minimize power- ”consumption by allowing slave devices to shut down if the UART is idle for a specified period of time. The host must periodically transmit data to prevent shutdown, unless the SHDNL input is driven externally. MAX17843 12-Channel, High-Voltage Smart Sensor Data-Acquisition Interface www.maximintegrated.com Maxim Integrated │ 53 |
|
Link URL |
| Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không? [ DONATE ] |
Alldatasheet là | Quảng cáo | Liên lạc với chúng tôi | Chính sách bảo mật | Liên kết đến bảng dữ liệu | Trao đổi link | Tìm kiếm theo nhà sản xuất All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |