công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MAX17843ACBV bảng dữ liệu(PDF) 57 Page - Maxim Integrated Products

tên linh kiện MAX17843ACBV
Giải thích chi tiết về linh kiện  12-Channel, High-Voltage Smart Sensor Data-Acquisition Interface
PDF  131 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MAXIM [Maxim Integrated Products]
Trang chủ  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX17843ACBV bảng dữ liệu(HTML) 57 Page - Maxim Integrated Products

Back Button MAX17843ACBV Datasheet HTML 53Page - Maxim Integrated Products MAX17843ACBV Datasheet HTML 54Page - Maxim Integrated Products MAX17843ACBV Datasheet HTML 55Page - Maxim Integrated Products MAX17843ACBV Datasheet HTML 56Page - Maxim Integrated Products MAX17843ACBV Datasheet HTML 57Page - Maxim Integrated Products MAX17843ACBV Datasheet HTML 58Page - Maxim Integrated Products MAX17843ACBV Datasheet HTML 59Page - Maxim Integrated Products MAX17843ACBV Datasheet HTML 60Page - Maxim Integrated Products MAX17843ACBV Datasheet HTML 61Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 131 page
background image
Data Types
The battery-management UART protocol employs several
different data types, as described in Table 23.
Command Bytes
The battery-management UART protocol supports six
command types summarized in Table 24.
Command-Byte Encoding
Command bytes encoding is described in Table 25.
For READDEVICE and WRITEDEVICE commands,
the device address is encoded in the command byte.
The device ignores commands containing a device
address other than its own.
Register Addresses
All register addresses are single-byte quantities and are
defined in the Register Map. In general, if the register
or device address in a received command is not a valid
address for the device, the device ignores the read or write
and simply passes through the packet to the next device.
Register Data
All registers are 16-bit words (two data bytes) and are
defined in the Register Map.
Table 23. Battery-Management UART Protocol (Data Types)
Table 24. Battery-Management UART Protocol (Command Packet Types)
Table 25. Command-Byte Encoding
Notes: z = Total number of devices, ALIVECNTEN = 1, packet size includes framing characters.
BS[4:0] = Block size[4:0] = 1–32, which is the number of registers read.
*Notes: Assumes DA[4:0] = 0x00 where DA[4:0] is the device address in the ADDRESS register.
BS[4:0] = Block size (1–32).
DATA TYPE
DESCRIPTION
Command byte
A byte defining the command-packet type, generally either a read or a write.
Register address
A byte defining the register address to be read or written.
Register data
Register data bytes being read or written.
Data-check byte
An error and alert status byte sent and returned with all reads.
PEC byte
A packet-error-checking byte sent and returned with every packet except for HELLOALL.
Alive counter
A byte functioning as a device counter on all reads and writes, if ALIVECNTEN = 1.
Fill byte
Bytes transmitted in READALL command packets for clocking purposes only.
COMMAND
DESCRIPTION
DATA
CHECK
PEC
ALIVE-
COUNTER
PACKET SIZE
(CHARACTERS)
HELLOALL
Writes a unique device address to each device in
the daisy-chain. Required for system initialization.
No
No
No
8
WRITEALL
Writes a specific register in all devices.
No
Yes
Yes
14
WRITEDEVICE
Writes a specific register in a single device.
No
Yes
Yes
14
READALL
Reads a specific register from all devices.
Yes
Yes
Yes
12 + (4z)
READDEVICE
Reads a specific register from a single device.
Yes
Yes
Yes
16
READBLOCK
Reads a set of registers from a single device.
Yes
Yes
Yes
14 + (4 x BS)
COMMAND
BYTE*
7
6
5
4
3
2
1
0
HELLOALL
57h
0
1
0
1
0
1
1
1
WRITEDEVICE
04h
DA4
DA3
DA2
DA1
DA0
1
0
0
WRITEALL
02h
0
0
0
0
0
0
1
0
READDEVICE
05h
DA4
DA3
DA2
DA1
DA0
1
0
1
READALL
03h
0
0
0
0
0
0
1
1
READBLOCK
06h
BS4
BS3
BS2
BS1
BS0
1
1
0
MAX17843
12-Channel, High-Voltage Smart Sensor
Data-Acquisition Interface
www.maximintegrated.com
Maxim Integrated │ 57



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com