công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MAX17843ACBV bảng dữ liệu(PDF) 69 Page - Maxim Integrated Products

tên linh kiện MAX17843ACBV
Giải thích chi tiết về linh kiện  12-Channel, High-Voltage Smart Sensor Data-Acquisition Interface
PDF  131 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MAXIM [Maxim Integrated Products]
Trang chủ  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX17843ACBV bảng dữ liệu(HTML) 69 Page - Maxim Integrated Products

Back Button MAX17843ACBV Datasheet HTML 65Page - Maxim Integrated Products MAX17843ACBV Datasheet HTML 66Page - Maxim Integrated Products MAX17843ACBV Datasheet HTML 67Page - Maxim Integrated Products MAX17843ACBV Datasheet HTML 68Page - Maxim Integrated Products MAX17843ACBV Datasheet HTML 69Page - Maxim Integrated Products MAX17843ACBV Datasheet HTML 70Page - Maxim Integrated Products MAX17843ACBV Datasheet HTML 71Page - Maxim Integrated Products MAX17843ACBV Datasheet HTML 72Page - Maxim Integrated Products MAX17843ACBV Datasheet HTML 73Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 131 page
background image
Full-Scale ADC Diagnostic Measurement
Stuck ADC output bits can be verified with a combination
of the zero-scale and full-scale diagnostics. The zero-
scale ADC diagnostic measurement (DIAGSEL[2:0] =
0b101) verifies that the ADC conversion results in FFFh
when its input is at VAA in bipolar mode (since for an input
≥ 2.5V, DIAG[15:0] = FFF0h). For this measurement, the
ADC is automatically set to bipolar mode.
BALSW Diagnostics
Four balancing switch diagnostic modes are available to
facilitate the following diagnostics:
● Balancing switch shorted (BALSWDIAG[2:0] = 0b001)
● Balancing switch open (BALSWDIAG[2:0] = 0b010)
● Odd sense wire open (BALSWDIAG[2:0] = 0b101)
● Even sense wire open (BALSWDIAG[2:0] = 0b110)
Enabling any of these modes automatically preconfigures
the acquisition (e.g. enables the ALTMUX measurement
path). The host must initiate the acquisition but the diag-
nostic mode automatically compares the measurements
to the specific thresholds, and sets any corresponding
alerts. The host presets the thresholds as determined
by the minimum and maximum resistance of the switch
(RSW) specified in the Electrical Characteristics table and
the intended cell-balancing current.
During any balancing switch diagnostic mode, ALRTOV,
ALRTUV and ALRTMSMTCH comparisons are dis-
abled. After BALSWDIAG[2:0] is cleared, the modified
configurations automatically return to their prior setting. The
same configurations and comparisons could be implement-
ed manually but at the expense of more host operations.
BALSW Short Diagnostic
A short-circuit fault in the balancing path could be a short
between SWn and SWn-1 (see Figure 42), or that the
balancing FET is stuck in the conducting state. In the
short circuit state, the voltage between SWn and SWn-1
(switch voltage) is less than the voltage between Cn and
Cn-1 (cell voltage).
When enabled, the balancing switch short diagnostic
mode (BALSWDIAG[2:0] = 0b001) functions as follows:
● Disables the balancing switches automatically
● Configures the acquisition using ALTMUX path auto-
matically
● Host initiates the acquisition
● Compares the measurement to the threshold value
BALSHRTTHR automatically
● If outside the threshold, sets the corresponding flag in
ALRTBALSW automatically
For the best sensitivity to leakage current, set the threshold
value based on the minimum cell voltage minus a small
noise margin (100mV), then update the threshold value
periodically or every time a measurement is taken, depend-
ing on how fast the cell voltages are expected to change.
Figure 41. ADC Full-Scale Diagnostic
ADC IN -
ADC IN +
LV
MUX
ADC
REF
THRM
AGND
VAA
AGND
ADC AUTOMATICALLY
IN BIPOLAR MODE
MAX17843
12-Channel, High-Voltage Smart Sensor
Data-Acquisition Interface
www.maximintegrated.com
Maxim Integrated │ 69



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com