công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MAX17843ACBV bảng dữ liệu(PDF) 36 Page - Maxim Integrated Products

tên linh kiện MAX17843ACBV
Giải thích chi tiết về linh kiện  12-Channel, High-Voltage Smart Sensor Data-Acquisition Interface
PDF  131 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MAXIM [Maxim Integrated Products]
Trang chủ  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX17843ACBV bảng dữ liệu(HTML) 36 Page - Maxim Integrated Products

Back Button MAX17843ACBV Datasheet HTML 32Page - Maxim Integrated Products MAX17843ACBV Datasheet HTML 33Page - Maxim Integrated Products MAX17843ACBV Datasheet HTML 34Page - Maxim Integrated Products MAX17843ACBV Datasheet HTML 35Page - Maxim Integrated Products MAX17843ACBV Datasheet HTML 36Page - Maxim Integrated Products MAX17843ACBV Datasheet HTML 37Page - Maxim Integrated Products MAX17843ACBV Datasheet HTML 38Page - Maxim Integrated Products MAX17843ACBV Datasheet HTML 39Page - Maxim Integrated Products MAX17843ACBV Datasheet HTML 40Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 131 page
background image
AUTOBALSWDIS Feature
This feature enables the automatic disabling of the balanc-
ing switches during measurements. The main purpose
of this feature is to phase out the additional voltage drop
due to cell balancing in accuracy measurements. This
ultimately allows the system to get more precise cell-
voltage readings, which helps to calculate higher accu-
racy of state-of-charge (SoC). The AUTOBALSWDIS bit
is the D11 bit in the DEVCFG1 register. This bit when
set to '1' turns off the balancing switches. A delay in
the AUTOBALSWDIS delay register (0x0C) is selected
based on the DELAYSEL bit in the SCANTCTRL register
(0x13), and the set wait time is added after the scan is
enabled before the start of actual measurements. The
AUTOBALSWDIS delay register has a minimum delay
setting of 96μs, with maximum being up to 24.57ms.
It is divided into two 8-bit time-delay settings, with lower-
byte register-delay setting for cell-recovery time, while
upper byte of the register used for the delay setting of
certain diagnostics such as sense-wire open. This delay
should be set as appropriate by the customer according
to their cell characteristics and properties and to enhance
the maximum SoC of the battery available. Once the
measurement is executed and the Scan done bit is set,
the AUTOBALSWDIS bit should be cleared by the host.
Enabling the AUTOBALSWDIS bit adds a delay before
the start of measurements, but after the scan is enabled;
therefore, this feature can be used during normal cell
measurements as well as during diagnostic measure-
ments with two separate delay timers that can be
independently set.
Figure 14. Logic Diagram when Balancing Switches Are Disabled
THRMSHDN/
BALSWDISABLE/
AUTOBALSWDIS/
EMGCYDCHG/
PRIORITY OF OPERATION
THRMSHDN > EMGCYDCHG > AUTOBALSWDIS/BALSWDISABLE > BALSWENn
BALANCING SWITCH
ENABLE
(BALSWEN)n
RST/
POR
DISABLING OF
BALANCING SWITCHES
MAX17843
12-Channel, High-Voltage Smart Sensor
Data-Acquisition Interface
www.maximintegrated.com
Maxim Integrated │ 36



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com