công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MAX17843ACBV bảng dữ liệu(PDF) 101 Page - Maxim Integrated Products

tên linh kiện MAX17843ACBV
Giải thích chi tiết về linh kiện  12-Channel, High-Voltage Smart Sensor Data-Acquisition Interface
PDF  131 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MAXIM [Maxim Integrated Products]
Trang chủ  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX17843ACBV bảng dữ liệu(HTML) 101 Page - Maxim Integrated Products

Back Button MAX17843ACBV Datasheet HTML 97Page - Maxim Integrated Products MAX17843ACBV Datasheet HTML 98Page - Maxim Integrated Products MAX17843ACBV Datasheet HTML 99Page - Maxim Integrated Products MAX17843ACBV Datasheet HTML 100Page - Maxim Integrated Products MAX17843ACBV Datasheet HTML 101Page - Maxim Integrated Products MAX17843ACBV Datasheet HTML 102Page - Maxim Integrated Products MAX17843ACBV Datasheet HTML 103Page - Maxim Integrated Products MAX17843ACBV Datasheet HTML 104Page - Maxim Integrated Products MAX17843ACBV Datasheet HTML 105Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 101 / 131 page
background image
BIT
POR
NAME
DESCRIPTION
D15
0
Reserved
Always reads logic-zero.
D14
D13
D12
0
FA[4:0]
Address of the device connected to the host (first address). If the host uses a first address
other than 0x00 in the HELLOALL command, then the host must write that first address
to all devices in the daisy-chain with a WRITEALL command. READALL commands
require that FA[4:0] and DA[4:0] be correct in order for the data-check and PEC features to
function as intended.
D11
D10
D9
D8
D7
0
Reserved
Always reads logic-zero.
D6
D5
D4
0
DA[4:0]
Device address written by the HELLOALL command as it propagates up the daisy-chain
and is automatically incremented for each device. The host must choose a first address
so that the last device address does not exceed the maximum address of 0x1F during the
HELLOALL command. Writing has no effect except with a HELLOALL command while
ADDRUNLOCK = 1.
D3
D2
D1
D0
BIT
POR
NAME
DESCRIPTION
D15
1
ALRTRST
Indicates a power-on reset (POR) event occurred. Clear after power-on and after a
successful HELLOALL to detect future resets. Writing to a logic-one has no effect.
D14
0
ALRTOV
Bit-wise logical OR of ALRTOVCELL[15:0]. Read-only.
D13
0
ALRTUV
Bit-wise logical OR of ALRTUVCELL[15:0]. Read-only.
D12
0
ALRTSHDNL
Indicates VSHDNL < VIL. Read during shutdown diagnostic when VAA > VPORFALL.
Cleared by writing to logic-zero or POR. Writing to a logic-one has no effect.
D11
0
ALRTSHDNLRT
Indicates VSHDNL < VIL. Read during shutdown diagnostic when VAA > VPORFALL.
Read-only.
D10
0
ALRTMSMTCH
Indicates VMAX - VMIN > VMSMTCH . Cleared at next acquisition if the condition is false.
Read-only.
D9
0
ALRTTCOLD
Logical OR of ALRTOVAIN0 and ALRTOVAIN1. Read-only.
D8
0
ALRTTHOT
Logical OR of ALRTUVAIN0 and ALRTUVAIN1. Read-only.
D7
0
ALRTPEC
Indicates a received character contained a PEC error. Cleared only by writing to logic-zero.
Writing to a logic-one has no effect.
D6
0
Reserved
Always reads logic-zero.
D5
D4
0
ALRTMAN
Indicates that a character received by the lower UART contained a Manchester error.
Cleared only by writing to logic-zero. Writing to a logic-one has no effect.
D3
0
0
Write ignored, Read back ‘0’.
D2
0
ALRTPAR
Indicates that a character received by the lower UART contained a parity error.
Cleared only by writing to logic-zero. Writing to logic-one has no effect.
D1
0
ALRTFMEA2
Bit-wise logical OR of FMEA2 [15:0]. Read-only.
D0
0
ALRTFMEA1
Bit-wise logical OR of FMEA1 [15:0]. Read-only.
MAX17843
12-Channel, High-Voltage Smart Sensor
Data-Acquisition Interface
www.maximintegrated.com
Maxim Integrated │ 101
ADDRESS Register (address 0x01)
STATUS Register (address 0x02)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com