công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

TMS320C28343 bảng dữ liệu(PDF) 21 Page - Texas Instruments

Click here to check the latest version.
tên linh kiện TMS320C28343
Giải thích chi tiết về linh kiện  TMS320C2834x Delfino Microcontrollers
PDF  170 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI - Texas Instruments

TMS320C28343 bảng dữ liệu(HTML) 21 Page - Texas Instruments

Back Button TMS320C28343 Datasheet HTML 17Page - Texas Instruments TMS320C28343 Datasheet HTML 18Page - Texas Instruments TMS320C28343 Datasheet HTML 19Page - Texas Instruments TMS320C28343 Datasheet HTML 20Page - Texas Instruments TMS320C28343 Datasheet HTML 21Page - Texas Instruments TMS320C28343 Datasheet HTML 22Page - Texas Instruments TMS320C28343 Datasheet HTML 23Page - Texas Instruments TMS320C28343 Datasheet HTML 24Page - Texas Instruments TMS320C28343 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 170 page
background image
Table 6-1. Signal Descriptions (continued)
NAME
ZHH
BALL #
ZFE
BALL #
DESCRIPTION
GPIO49
ECAP6
XD30
SPISOMID
P10
P11
General-purpose input/output 49 (I/O/Z)
Enhanced Capture input/output 6 (I/O)
External Interface Data Line 30 (O)
SPI-D slave out, master in (I/O)
GPIO50
EQEP1A
XD29
SPICLKD
N10
T12
General-purpose input/output 50 (I/O/Z)
Enhanced QEP 1input A (I)
External Interface Data Line 29 (O)
SPI-D Clock input/output (I/O)
GPIO51
EQEP1B
XD28
SPISTED
N11
R12
General-purpose input/output 51 (I/O/Z)
Enhanced QEP 1input B (I)
External Interface Data Line 28 (O)
SPI-D slave transmit enable input/output (I/O)
GPIO52
EQEP1S
XD27
M11
P12
General-purpose input/output 52 (I/O/Z)
Enhanced QEP 1Strobe (I/O)
External Interface Data Line 27 (O)
GPIO53
EQEP1I
XD26
L11
T13
General-purpose input/output 53 (I/O/Z)
Enhanced QEP1 lndex (I/O)
External Interface Data Line 26 (O)
GPIO54
SPISIMOA
XD25
EQEP3A
P12
R13
General-purpose input/output 54 (I/O/Z)
SPI-A slave in, master out (I/O)
External Interface Data Line 25 (O)
Enhanced QEP3 input A (I)
GPIO55
SPISOMIA
XD24
EQEP3B
N12
P13
General-purpose input/output 55 (I/O/Z)
SPI-A slave out, master in (I/O)
External Interface Data Line 24 (O)
Enhanced QEP3 input B (I)
GPIO56
SPICLKA
XD23
EQEP3S
P13
R14
General-purpose input/output 56 (I/O/Z)
SPI-A clock (I/O)
External Interface Data Line 23 (O)
Enhanced QEP3 strobe (I/O)
GPIO57
SPISTEA
XD22
EQEP3I
N13
P15
General-purpose input/output 57 (I/O/Z)
SPI-A slave transmit enable (I/O)
External Interface Data Line 22 (O)
Enhanced QEP3 index (I/O)
GPIO58
MCLKRA
XD21
EPWM7A
P14
N16
General-purpose input/output 58 (I/O/Z)
McBSP-A receive clock (I/O)
External Interface Data Line 21 (O)
Enhanced PWM 7 output A and HRPWM channel (O)
GPIO59
MFSRA
XD20
EPWM7B
M13
N15
General-purpose input/output 59 (I/O/Z)
McBSP-A receive frame synch (I/O)
External Interface Data Line 20 (O)
Enhanced PWM 7 output B (O)
GPIO60
MCLKRB
XD19
EPWM8A
M14
M16
General-purpose input/output 60 (I/O/Z)
McBSP-B receive clock (I/O)
External Interface Data Line 19 (O)
Enhanced PWM 8 output A and HRPWM channel (O)
GPIO61
MFSRB
XD18
EPWM8B
L12
M15
General-purpose input/output 61 (I/O/Z)
McBSP-B receive frame synch (I/O)
External Interface Data Line 18 (O)
Enhanced PWM8 output B (O)
GPIO62
SCIRXDC
XD17
EPWM9A
L13
M14
General-purpose input/output 62 (I/O/Z)
SCI-C receive data (I)
External Interface Data Line 17 (O)
Enhanced PWM9 output A and HRPWM channel (O)
GPIO63
SCITXDC
XD16
EPWM9B
K13
L16
General-purpose input/output 63 (I/O/Z)
SCI-C transmit data (O)
External Interface Data Line 16 (O)
Enhanced PWM9 output B (O)
www.ti.com
TMS320C28346, TMS320C28346-Q1, TMS320C28345, TMS320C28344
TMS320C28343, TMS320C28343-Q1, TMS320C28342, TMS320C28341
SPRS516F – MARCH 2009 – REVISED FEBRUARY 2021
Copyright © 2021 Texas Instruments Incorporated
Submit Document Feedback
21
Product Folder Links: TMS320C28346 TMS320C28346-Q1 TMS320C28345 TMS320C28344 TMS320C28343
TMS320C28343-Q1 TMS320C28342 TMS320C28341



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com