công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

TMS320C28343 bảng dữ liệu(PDF) 17 Page - Texas Instruments

Click here to check the latest version.
tên linh kiện TMS320C28343
Giải thích chi tiết về linh kiện  TMS320C2834x Delfino Microcontrollers
PDF  170 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI - Texas Instruments

TMS320C28343 bảng dữ liệu(HTML) 17 Page - Texas Instruments

Back Button TMS320C28343 Datasheet HTML 13Page - Texas Instruments TMS320C28343 Datasheet HTML 14Page - Texas Instruments TMS320C28343 Datasheet HTML 15Page - Texas Instruments TMS320C28343 Datasheet HTML 16Page - Texas Instruments TMS320C28343 Datasheet HTML 17Page - Texas Instruments TMS320C28343 Datasheet HTML 18Page - Texas Instruments TMS320C28343 Datasheet HTML 19Page - Texas Instruments TMS320C28343 Datasheet HTML 20Page - Texas Instruments TMS320C28343 Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 170 page
background image
Table 6-1. Signal Descriptions (continued)
NAME
ZHH
BALL #
ZFE
BALL #
DESCRIPTION
X2
A8
A9
Internal Oscillator Output. A quartz crystal may be connected across X1 and X2. If X2 is not used it
must be left unconnected. (O)
Reset
XRS
P8
T10
Device Reset (in) and Watchdog Reset (out).
Device reset. XRS causes the device to terminate execution. The PC will point to the address
contained at the location 0x3FFFC0. When XRS is brought to a high level, execution begins at the
location pointed to by the PC. This pin is driven low by the MCU when a watchdog reset occurs.
During watchdog reset, the XRS pin is driven low for the watchdog reset duration of 512 OSCCLK
cycles. (I/OD, ↑)
The output buffer of this pin is an open drain with an internal pullup. It is recommended that this pin
be driven by an open-drain device.
XRSIO
N8
T9
XRS I/O Control (I) - This pin must be connected to the XRS pin on the target board. When XRS is
low (reset), the level detected on this pin puts all output buffers on the device in high-impedance
mode.
External ADC Interface Signals
EXTSOC1A
N1
M2
External ADC SOC Group 1 A Output. Trigger for external ADC, this signal is logical OR of
ePWM1/2/3 SOCA internal signals (O)
EXTSOC1B
M3
M3
External ADC SOC Group 1 B Output. Trigger for external ADC, this signal is logical OR of
ePWM1/2/3 SOCB internal signals (O)
EXTSOC2A
M2
N1
External ADC SOC Group 2 A Output. Trigger for external ADC, this signal is logical OR of
ePWM4/5/6 SOCA internal signals (O)
EXTSOC2B
P1
N2
External ADC SOC Group 2 B Output. Trigger for external ADC, this signal is logical OR of
ePWM4/5/6 SOCB internal signals (O)
EXTSOC3A
N2
N3
External ADC SOC Group 3 A Output. Trigger for external ADC, this signal is logical OR of
ePWM7/8/9 SOCA internal signals (O)
EXTSOC3B
P2
P2
External ADC SOC Group3 B Output. Trigger for external ADC, this signal is logical OR of
ePWM7/8/9 SOCB internal signals (O)
EXTADCCLK
N3
R3
External ADC Clock Signal. Clock for external ADC support, derived from SYSCLK (O)
GPIO and Peripheral Signals
GPIO0
EPWM1A
-
-
B1
D2
General-purpose input/output 0 (I/O/Z)
Enhanced PWM1 Output A and HRPWM channel (O)
-
-
GPIO1
EPWM1B
ECAP6
MFSRB
C1
E1
General-purpose input/output 1 (I/O/Z)
Enhanced PWM1 Output B (O)
Enhanced Capture 6 input/output (I/O)
McBSP-B receive frame synch (I/O)
GPIO2
EPWM2A
-
-
F5
E2
General-purpose input/output 2 (I/O/Z)
Enhanced PWM2 Output A and HRPWM channel (O)
-
-
GPIO3
EPWM2B
ECAP5
MCLKRB
E4
E3
General-purpose input/output 3 (I/O/Z)
Enhanced PWM2 Output B (O)
Enhanced Capture 5 input/output (I/O)
McBSP-B receive clock (I/O)
GPIO4
EPWM3A
-
-
E2
F1
General-purpose input/output 4 (I/O/Z)
Enhanced PWM3 output A and HRPWM channel (O)
-
-
GPIO5
EPWM3B
MFSRA
ECAP1
E3
F2
General-purpose input/output 5 (I/O/Z)
Enhanced PWM3 output B (O)
McBSP-A receive frame synch (I/O)
Enhanced Capture input/output 1 (I/O)
www.ti.com
TMS320C28346, TMS320C28346-Q1, TMS320C28345, TMS320C28344
TMS320C28343, TMS320C28343-Q1, TMS320C28342, TMS320C28341
SPRS516F – MARCH 2009 – REVISED FEBRUARY 2021
Copyright © 2021 Texas Instruments Incorporated
Submit Document Feedback
17
Product Folder Links: TMS320C28346 TMS320C28346-Q1 TMS320C28345 TMS320C28344 TMS320C28343
TMS320C28343-Q1 TMS320C28342 TMS320C28341



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com