công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

TMS320C28343 bảng dữ liệu(PDF) 97 Page - Texas Instruments

Click here to check the latest version.
tên linh kiện TMS320C28343
Giải thích chi tiết về linh kiện  TMS320C2834x Delfino Microcontrollers
PDF  170 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI - Texas Instruments

TMS320C28343 bảng dữ liệu(HTML) 97 Page - Texas Instruments

Back Button TMS320C28343 Datasheet HTML 93Page - Texas Instruments TMS320C28343 Datasheet HTML 94Page - Texas Instruments TMS320C28343 Datasheet HTML 95Page - Texas Instruments TMS320C28343 Datasheet HTML 96Page - Texas Instruments TMS320C28343 Datasheet HTML 97Page - Texas Instruments TMS320C28343 Datasheet HTML 98Page - Texas Instruments TMS320C28343 Datasheet HTML 99Page - Texas Instruments TMS320C28343 Datasheet HTML 100Page - Texas Instruments TMS320C28343 Datasheet HTML 101Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 97 / 170 page
background image
Table 8-3. ePWM1–ePWM4 Control and Status Registers
NAME
ePWM1
ePWM2
ePWM3
ePWM4
SIZE (x16) /
#SHADOW
DESCRIPTION
TBCTL
0x6800
0x6840
0x6880
0x68C0
1 / 0
Time Base Control Register
TBSTS
0x6801
0x6841
0x6881
0x68C1
1 / 0
Time Base Status Register
TBPHSHR
0x6802
0x6842
0x6882
0x68C2
1 / 0
Time Base Phase HRPWM Register
TBPHS
0x6803
0x6843
0x6883
0x68C3
1 / 0
Time Base Phase Register
TBCTR
0x6804
0x6844
0x6884
0x68C4
1 / 0
Time Base Counter Register
TBPRD
0x6805
0x6845
0x6885
0x68C5
1 / 1
Time Base Period Register Set
CMPCTL
0x6807
0x6847
0x6887
0x68C7
1 / 0
Counter Compare Control Register
CMPAHR
0x6808
0x6848
0x6888
0x68C8
1 / 1
Time Base Compare A HRPWM Register
CMPA
0x6809
0x6849
0x6889
0x68C9
1 / 1
Counter Compare A Register Set
CMPB
0x680A
0x684A
0x688A
0x68CA
1 / 1
Counter Compare B Register Set
AQCTLA
0x680B
0x684B
0x688B
0x68CB
1 / 0
Action Qualifier Control Register For Output A
AQCTLB
0x680C
0x684C
0x688C
0x68CC
1 / 0
Action Qualifier Control Register For Output B
AQSFRC
0x680D
0x684D
0x688D
0x68CD
1 / 0
Action Qualifier Software Force Register
AQCSFRC
0x680E
0x684E
0x688E
0x68CE
1 / 1
Action Qualifier Continuous S/W Force Register Set
DBCTL
0x680F
0x684F
0x688F
0x68CF
1 / 1
Dead-Band Generator Control Register
DBRED
0x6810
0x6850
0x6890
0x68D0
1 / 0
Dead-Band Generator Rising Edge Delay Count
Register
DBFED
0x6811
0x6851
0x6891
0x68D1
1 / 0
Dead-Band Generator Falling Edge Delay Count
Register
TZSEL
0x6812
0x6852
0x6892
0x68D2
1 / 0
Trip Zone Select Register(1)
TZCTL
0x6814
0x6854
0x6894
0x68D4
1 / 0
Trip Zone Control Register(1)
TZEINT
0x6815
0x6855
0x6895
0x68D5
1 / 0
Trip Zone Enable Interrupt Register(1)
TZFLG
0x6816
0x6856
0x6896
0x68D6
1 / 0
Trip Zone Flag Register
TZCLR
0x6817
0x6857
0x6897
0x68D7
1 / 0
Trip Zone Clear Register(1)
TZFRC
0x6818
0x6858
0x6898
0x68D8
1 / 0
Trip Zone Force Register(1)
ETSEL
0x6819
0x6859
0x6899
0x68D9
1 / 0
Event Trigger Selection Register
ETPS
0x681A
0x685A
0x689A
0x68DA
1 / 0
Event Trigger Prescale Register
ETFLG
0x681B
0x685B
0x689B
0x68DB
1 / 0
Event Trigger Flag Register
ETCLR
0x681C
0x685C
0x689C
0x68DC
1 / 0
Event Trigger Clear Register
ETFRC
0x681D
0x685D
0x689D
0x68DD
1 / 0
Event Trigger Force Register
PCCTL
0x681E
0x685E
0x689E
0x68DE
1 / 0
PWM Chopper Control Register
HRCNFG
0x6820
0x6860
0x68A0
0x68E0
1 / 0
HRPWM Configuration Register(1)
(1)
Registers that are EALLOW protected.
Table 8-4. ePWM5–ePWM9 Control and Status Registers
NAME
ePWM5
ePWM6
ePWM7
ePWM8
ePWM9
SIZE
(x16) /
#SHADO
W
DESCRIPTION
TBCTL
0x6900
0x6940
0x6980
0x69C0
0x6600
1 / 0
Time Base Control Register
TBSTS
0x6901
0x6941
0x6981
0x69C1
0x6601
1 / 0
Time Base Status Register
TBPHSHR
0x6902
0x6942
0x6982
0x69C2
0x6602
1 / 0
Time Base Phase HRPWM Register
TBPHS
0x6903
0x6943
0x6983
0x69C3
0x6603
1 / 0
Time Base Phase Register
TBCTR
0x6904
0x6944
0x6984
0x69C4
0x6604
1 / 0
Time Base Counter Register
TBPRD
0x6905
0x6945
0x6985
0x69C5
0x6605
1 / 1
Time Base Period Register Set
CMPCTL
0x6907
0x6947
0x6987
0x69C7
0x6607
1 / 0
Counter Compare Control Register
CMPAHR
0x6908
0x6948
0x6988
0x69C8
0x6608
1 / 1
Time Base Compare A HRPWM Register
www.ti.com
TMS320C28346, TMS320C28346-Q1, TMS320C28345, TMS320C28344
TMS320C28343, TMS320C28343-Q1, TMS320C28342, TMS320C28341
SPRS516F – MARCH 2009 – REVISED FEBRUARY 2021
Copyright © 2021 Texas Instruments Incorporated
Submit Document Feedback
97
Product Folder Links: TMS320C28346 TMS320C28346-Q1 TMS320C28345 TMS320C28344 TMS320C28343
TMS320C28343-Q1 TMS320C28342 TMS320C28341



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com