công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

TMS320C28343 bảng dữ liệu(PDF) 51 Page - Texas Instruments

Click here to check the latest version.
tên linh kiện TMS320C28343
Giải thích chi tiết về linh kiện  TMS320C2834x Delfino Microcontrollers
PDF  170 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI - Texas Instruments

TMS320C28343 bảng dữ liệu(HTML) 51 Page - Texas Instruments

Back Button TMS320C28343 Datasheet HTML 47Page - Texas Instruments TMS320C28343 Datasheet HTML 48Page - Texas Instruments TMS320C28343 Datasheet HTML 49Page - Texas Instruments TMS320C28343 Datasheet HTML 50Page - Texas Instruments TMS320C28343 Datasheet HTML 51Page - Texas Instruments TMS320C28343 Datasheet HTML 52Page - Texas Instruments TMS320C28343 Datasheet HTML 53Page - Texas Instruments TMS320C28343 Datasheet HTML 54Page - Texas Instruments TMS320C28343 Datasheet HTML 55Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 170 page
background image
7.9.4.2 Enhanced Control Peripherals
7.9.4.2.1 Enhanced Pulse Width Modulator (ePWM) Timing
PWM refers to PWM outputs on ePWM1–6. Section 7.9.4.2.1.1 shows the ePWM timing requirements and
Section 7.9.4.2.1.2, ePWM switching characteristics.
7.9.4.2.1.1 ePWM Timing Requirements (1)
MIN
MAX
UNIT
tw(SYCIN)
Sync input pulse width
Asynchronous
2tc(SCO)
cycles
Synchronous
2tc(SCO)
With input qualifier
1tc(SCO) + tw(IQSW)
(1)
For an explanation of the input qualifier parameters, see Section 7.9.4.1.2.1.
7.9.4.2.1.2 ePWM Switching Characteristics
PARAMETER
TEST CONDITIONS
MIN
MAX
UNIT
tw(PWM)
Pulse duration, PWMx output high/low
20
ns
tw(SYNCOUT)
Sync output pulse width
8tc(SCO)
cycles
td(PWM)tza
Delay time, trip input active to PWM forced high
Delay time, trip input active to PWM forced low
no pin load
25
ns
td(TZ-PWM)HZ
Delay time, trip input active to PWM Hi-Z
20
ns
7.9.4.2.2 Trip-Zone Input Timing
PWM
(B)
TZ
(A)
SYSCLK
t
w(TZ)
t
d(TZ-PWM)HZ
A. TZ - TZ1, TZ2, TZ3, TZ4, TZ5, TZ6
B. PWM refers to all the PWM pins in the device. The state of the PWM pins after TZ is taken high depends on the PWM recovery software.
Figure 7-13. PWM Hi-Z Characteristics
7.9.4.2.2.1 Trip-Zone Input Timing Requirements (1)
MIN
MAX
UNIT
tw(TZ)
Pulse duration, TZx input low
Asynchronous
1tc(SCO)
cycles
Synchronous
2tc(SCO)
With input qualifier
1tc(SCO) + tw(IQSW)
(1)
For an explanation of the input qualifier parameters, see Section 7.9.4.1.2.1.
www.ti.com
TMS320C28346, TMS320C28346-Q1, TMS320C28345, TMS320C28344
TMS320C28343, TMS320C28343-Q1, TMS320C28342, TMS320C28341
SPRS516F – MARCH 2009 – REVISED FEBRUARY 2021
Copyright © 2021 Texas Instruments Incorporated
Submit Document Feedback
51
Product Folder Links: TMS320C28346 TMS320C28346-Q1 TMS320C28345 TMS320C28344 TMS320C28343
TMS320C28343-Q1 TMS320C28342 TMS320C28341



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com