công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

TMS320C28343 bảng dữ liệu(PDF) 80 Page - Texas Instruments

Click here to check the latest version.
tên linh kiện TMS320C28343
Giải thích chi tiết về linh kiện  TMS320C2834x Delfino Microcontrollers
PDF  170 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI - Texas Instruments

TMS320C28343 bảng dữ liệu(HTML) 80 Page - Texas Instruments

Back Button TMS320C28343 Datasheet HTML 76Page - Texas Instruments TMS320C28343 Datasheet HTML 77Page - Texas Instruments TMS320C28343 Datasheet HTML 78Page - Texas Instruments TMS320C28343 Datasheet HTML 79Page - Texas Instruments TMS320C28343 Datasheet HTML 80Page - Texas Instruments TMS320C28343 Datasheet HTML 81Page - Texas Instruments TMS320C28343 Datasheet HTML 82Page - Texas Instruments TMS320C28343 Datasheet HTML 83Page - Texas Instruments TMS320C28343 Datasheet HTML 84Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 80 / 170 page
background image
tsu(XD)XRD
DIN
td(XCOH-XZCSL)
td(XCOH-XA)
td(XCOHL-XRDL)
td(XCOHL-XZCSH)
td(XCOHL-XRDH)
XZCS0XZCS6XZCS7
,
,
XA[0:19]
XRD
XWE0XWE1
,
(E)
XR/W
XD[0:31],XD[0:15]
XREADY(Asynch)
tsu(XRDYasynchL)XCOHL
ta(XRD)
ta(A)
th(XRDYasynchL)
th(XD)XRD
th(XRDYasynchH)XZCSH
=Don’tcare.Signalcanbehighorlowduringthistime.
Legend:
Lead
Active
Trail
WS(Async)
XCLKOUT=XTIMCLK
(A) (B)
(C)
tsu(XRDYasynchH)XCOHL
(F)
(G)
(D)
A. All XINTF accesses (lead period) begin on the rising edge of XCLKOUT. When necessary, the device will insert an alignment cycle
before an access to meet this requirement.
B. During alignment cycles, all signals will transition to their inactive state.
C. During inactive cycles, the XINTF address bus will always hold the last address put out on the bus except XA0, which remains high. This
includes alignment cycles.
D. Timings are also relevant for XCLKOUT = 1/2 XTIMCLK and XCLKOUT = 1/4 XTIMCLK.
E. XWE1 is valid only in 32-bit data bus mode.
F. For each sample, setup time from the beginning of the access can be calculated as: E = (XRDLEAD + XRDACTIVE -3 +n) tc(XTIM) –
tsu(XRDYasynchL)XCOHL where n is the sample number: n = 1, 2, 3, and so forth.
G. Reference for the first sample is with respect to this point: F = (XRDLEAD + XRDACTIVE –2) tc(XTIM)
Figure 7-31. Example Read With Asynchronous XREADY Access
XTIMING register parameters used for this example (based on 300-MHz system clock):
XRDLEAD
XRDACTIVE
XRDTRAIL
USEREADY
X2TIMING
XWRLEAD
XWRACTIVE
XWRTRAIL
READYMODE
≥ 2
5
≥ 0
1
0
N/A(1)
N/A(1)
N/A(1)
1 = XREADY
(Async)
(1)
N/A = “Don’t care” for this example
TMS320C28346, TMS320C28346-Q1, TMS320C28345, TMS320C28344
TMS320C28343, TMS320C28343-Q1, TMS320C28342, TMS320C28341
SPRS516F – MARCH 2009 – REVISED FEBRUARY 2021
www.ti.com
80
Submit Document Feedback
Copyright © 2021 Texas Instruments Incorporated
Product Folder Links: TMS320C28346 TMS320C28346-Q1 TMS320C28345 TMS320C28344 TMS320C28343
TMS320C28343-Q1 TMS320C28342 TMS320C28341



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com