công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

TMS320C28343 bảng dữ liệu(PDF) 52 Page - Texas Instruments

Click here to check the latest version.
tên linh kiện TMS320C28343
Giải thích chi tiết về linh kiện  TMS320C2834x Delfino Microcontrollers
PDF  170 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI - Texas Instruments

TMS320C28343 bảng dữ liệu(HTML) 52 Page - Texas Instruments

Back Button TMS320C28343 Datasheet HTML 48Page - Texas Instruments TMS320C28343 Datasheet HTML 49Page - Texas Instruments TMS320C28343 Datasheet HTML 50Page - Texas Instruments TMS320C28343 Datasheet HTML 51Page - Texas Instruments TMS320C28343 Datasheet HTML 52Page - Texas Instruments TMS320C28343 Datasheet HTML 53Page - Texas Instruments TMS320C28343 Datasheet HTML 54Page - Texas Instruments TMS320C28343 Datasheet HTML 55Page - Texas Instruments TMS320C28343 Datasheet HTML 56Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 170 page
background image
7.9.4.2.3 High-Resolution PWM Timing
Section 7.9.4.2.3.1 shows the high-resolution PWM switching characteristics.
7.9.4.2.3.1 High-Resolution PWM Characteristics at SYSCLKOUT = (150–300 MHz)
MIN
TYP
MAX UNIT
Micro Edge Positioning (MEP) step size(1)
VDD = 1.2 V
55
120
ps
VDD = 1.1 V
65
140
ps
(1)
The MEP step size will be largest at high temperature and minimum voltage on VDD. MEP step size will increase with higher
temperature and lower voltage and decrease with lower temperature and higher voltage.
Applications that use the HRPWM feature should use MEP Scale Factor Optimizer (SFO) estimation software functions. See the TI
software libraries for details of using SFO function in end applications. SFO functions help to estimate the number of MEP steps per
SYSCLKOUT period dynamically while the HRPWM is in operation.
7.9.4.2.4 Enhanced Capture (eCAP) Timing
Section 7.9.4.2.4.1 shows the eCAP timing requirement and Section 7.9.4.2.4.2 shows the eCAP switching
characteristics.
7.9.4.2.4.1 Enhanced Capture (eCAP) Timing Requirements (1)
MIN
MAX
UNIT
tw(CAP)
Capture input pulse width
Asynchronous
2tc(SCO)
cycles
Synchronous
2tc(SCO)
With input qualifier
1tc(SCO) + tw(IQSW)
(1)
For an explanation of the input qualifier parameters, see Section 7.9.4.1.2.1.
7.9.4.2.4.2 eCAP Switching Characteristics
PARAMETER
TEST CONDITIONS
MIN
MAX
UNIT
tw(APWM)
Pulse duration, APWMx output high/low
20
ns
7.9.4.2.5 Enhanced Quadrature Encoder Pulse (eQEP) Timing
Section 7.9.4.2.5.1 shows the eQEP timing requirement and Section 7.9.4.2.5.2 shows the eQEP switching
characteristics.
7.9.4.2.5.1 Enhanced Quadrature Encoder Pulse (eQEP) Timing Requirements (1)
MIN
MAX
UNIT
tw(QEPP)
QEP input period
Asynchronous(2)/synchronous
2tc(SCO)
cycles
With input qualifier
2[1tc(SCO) + tw(IQSW)]
tw(INDEXH)
QEP Index Input High time
Asynchronous(2)/synchronous
2tc(SCO)
cycles
With input qualifier
2tc(SCO) + tw(IQSW)
tw(INDEXL)
QEP Index Input Low time
Asynchronous(2)/synchronous
2tc(SCO)
cycles
With input qualifier
2tc(SCO) + tw(IQSW)
tw(STROBH)
QEP Strobe High time
Asynchronous(2)/synchronous
2tc(SCO)
cycles
With input qualifier
2tc(SCO) + tw(IQSW)
tw(STROBL)
QEP Strobe Input Low time
Asynchronous(2)/synchronous
2tc(SCO)
cycles
With input qualifier
2tc(SCO) + tw(IQSW)
(1)
For an explanation of the input qualifier parameters, see Section 7.9.4.1.2.1.
(2)
Refer to the TMS320C2834x Delfino™ MCUs Silicon Errata for limitations in the asynchronous mode.
7.9.4.2.5.2 eQEP Switching Characteristics
PARAMETER
TEST CONDITIONS
MIN
MAX
UNIT
td(CNTR)xin
Delay time, external clock to counter increment
4tc(SCO)
cycles
TMS320C28346, TMS320C28346-Q1, TMS320C28345, TMS320C28344
TMS320C28343, TMS320C28343-Q1, TMS320C28342, TMS320C28341
SPRS516F – MARCH 2009 – REVISED FEBRUARY 2021
www.ti.com
52
Submit Document Feedback
Copyright © 2021 Texas Instruments Incorporated
Product Folder Links: TMS320C28346 TMS320C28346-Q1 TMS320C28345 TMS320C28344 TMS320C28343
TMS320C28343-Q1 TMS320C28342 TMS320C28341



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com