công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

FS32K142MHTXVLUTR bảng dữ liệu(PDF) 91 Page - NXP Semiconductors

tên linh kiện FS32K142MHTXVLUTR
Giải thích chi tiết về linh kiện  Low-power Arm Cortex-M4F/M0 core with excellent energy efficiency
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  NXP [NXP Semiconductors]
Trang chủ  http://www.nxp.com
Logo NXP - NXP Semiconductors

FS32K142MHTXVLUTR bảng dữ liệu(HTML) 91 Page - NXP Semiconductors

Back Button FS32K142MHTXVLUTR Datasheet HTML 87Page - NXP Semiconductors FS32K142MHTXVLUTR Datasheet HTML 88Page - NXP Semiconductors FS32K142MHTXVLUTR Datasheet HTML 89Page - NXP Semiconductors FS32K142MHTXVLUTR Datasheet HTML 90Page - NXP Semiconductors FS32K142MHTXVLUTR Datasheet HTML 91Page - NXP Semiconductors FS32K142MHTXVLUTR Datasheet HTML 92Page - NXP Semiconductors FS32K142MHTXVLUTR Datasheet HTML 93Page - NXP Semiconductors FS32K142MHTXVLUTR Datasheet HTML 94Page - NXP Semiconductors FS32K142MHTXVLUTR Datasheet HTML 95Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 91 / 100 page
background image
Pinouts
9.1 Package pinouts and signal descriptions
For package pinouts and signal descriptions, refer to the Reference Manual.
10 Revision History
The following table provides a revision history for this document.
Table 57. Revision History
Rev. No.
Date
Substantial Changes
1
12 Aug 2016
Initial release
2
03 March 2017
• Updated descpition of QSPI and Clock interfaces in Key Features section
• Updated figure: High-level architecture diagram for the S32K1xx family
• Updated figure: S32K1xx product series comparison
• Added note in section Selecting orderable part number
• Updated figure: Ordering information
• In table: Absolute maximum ratings :
• Added footnote to IINJPAD_DC
• Updated min and max value of IINJPAD_DC
• Updated description, max and min values for IINJSUM
• Updated VIN_TRANSIENT
• In table: Voltage and current operating requirements :
• Renamed VSUP_OFF
• Updated max value of VDD_OFF
• Removed VINA and VIN
• Added VREFH and VREFL
• Updated footnote "Typical conditions assumes VDD = VDDA = VREFH = 5
V ...
• Removed INJSUM_AF
• Updated footnotes in table Table 7
• Updated section Power mode transition operating behaviors
• In table: Power consumption
• Added footnote "With PMC_REGSC[CLKBIASDIS] ... "
• Updated conditions for VLPR
• Removed Idd/MHz for S32K144
• Updated numbers for S32K142 and S32K148
• Removed use case footnotes
• In section Modes configuration :
• Replaced table "Modes configuration" with spreadsheet attachment:
'S32K1xx_Power_Modes _Master_configuration_sheet'
• In table: DC electrical specifications at 3.3 V Range :
• Added footnotes to Vih Input Buffer High Voltage and Vih Input Buffer
Low Voltage
• Added footnote to High drive port pins
• In table: DC electrical specifications at 5.0 V Range :
Table continues on the next page...
9
Pinouts
S32K1xx Data Sheet, Rev. 12, 02/2020
NXP Semiconductors
91



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com