công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

FS32K142MHTXVLUTR bảng dữ liệu(PDF) 47 Page - NXP Semiconductors

tên linh kiện FS32K142MHTXVLUTR
Giải thích chi tiết về linh kiện  Low-power Arm Cortex-M4F/M0 core with excellent energy efficiency
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  NXP [NXP Semiconductors]
Trang chủ  http://www.nxp.com
Logo NXP - NXP Semiconductors

FS32K142MHTXVLUTR bảng dữ liệu(HTML) 47 Page - NXP Semiconductors

Back Button FS32K142MHTXVLUTR Datasheet HTML 43Page - NXP Semiconductors FS32K142MHTXVLUTR Datasheet HTML 44Page - NXP Semiconductors FS32K142MHTXVLUTR Datasheet HTML 45Page - NXP Semiconductors FS32K142MHTXVLUTR Datasheet HTML 46Page - NXP Semiconductors FS32K142MHTXVLUTR Datasheet HTML 47Page - NXP Semiconductors FS32K142MHTXVLUTR Datasheet HTML 48Page - NXP Semiconductors FS32K142MHTXVLUTR Datasheet HTML 49Page - NXP Semiconductors FS32K142MHTXVLUTR Datasheet HTML 50Page - NXP Semiconductors FS32K142MHTXVLUTR Datasheet HTML 51Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 100 page
background image
Table 37. Flash command timing specifications for S32K11x series
Symbol
Description1
S32K116
S32K118
Typ
Max
Typ
Max
Unit
Notes
trd1blk
Read 1 Block execution
time
32 KB flash
—
0.36
—
0.36
ms
64 KB flash
—
—
—
—
128 KB flash
—
1.2
—
—
256 KB flash
—
—
—
2
512 KB flash
—
—
—
—
trd1sec
Read 1 Section
execution time
2 KB flash
—
75
—
75
µs
4 KB flash
—
100
—
100
tpgmchk
Program Check
execution time
—
—
100
—
100
µs
tpgm8
Program Phrase
execution time
—
90
225
90
225
µs
tersblk
Erase Flash Block
execution time
32 KB flash
15
300
15
300
ms
2
64 KB flash
—
—
—
—
128 KB flash
120
1100
—
—
256 KB flash
—
—
250
2125
512 KB flash
—
—
—
—
tersscr
Erase Flash Sector
execution time
—
12
130
12
130
ms
2
tpgmsec1k
Program Section
execution time (1 KB
flash)
—
5
—
5
—
ms
trd1all
Read 1s All Block
execution time
—
—
1.7
—
2.8
ms
trdonce
Read Once execution
time
—
—
30
—
30
µs
tpgmonce
Program Once execution
time
—
90
—
90
—
µs
tersall
Erase All Blocks
execution time
—
150
1500
230
2500
ms
2
tvfykey
Verify Backdoor Access
Key execution time
—
—
35
—
35
µs
tersallu
Erase All Blocks
Unsecure execution time
—
150
1500
230
2500
ms
2
tpgmpart
Program Partition for
EEPROM execution time
32 KB EEPROM
backup
71
—
71
—
ms
3
64 KB EEPROM
backup
—
—
—
—
tsetram
Set FlexRAM Function
execution time
Control Code
0xFF
0.08
—
0.08
—
ms
3
32 KB EEPROM
backup
0.8
1.2
0.8
1.2
Table continues on the next page...
Memory and memory interfaces
S32K1xx Data Sheet, Rev. 12, 02/2020
NXP Semiconductors
47



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com