công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

FS32K142MHTXVLUTR bảng dữ liệu(PDF) 62 Page - NXP Semiconductors

tên linh kiện FS32K142MHTXVLUTR
Giải thích chi tiết về linh kiện  Low-power Arm Cortex-M4F/M0 core with excellent energy efficiency
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  NXP [NXP Semiconductors]
Trang chủ  http://www.nxp.com
Logo NXP - NXP Semiconductors

FS32K142MHTXVLUTR bảng dữ liệu(HTML) 62 Page - NXP Semiconductors

Back Button FS32K142MHTXVLUTR Datasheet HTML 58Page - NXP Semiconductors FS32K142MHTXVLUTR Datasheet HTML 59Page - NXP Semiconductors FS32K142MHTXVLUTR Datasheet HTML 60Page - NXP Semiconductors FS32K142MHTXVLUTR Datasheet HTML 61Page - NXP Semiconductors FS32K142MHTXVLUTR Datasheet HTML 62Page - NXP Semiconductors FS32K142MHTXVLUTR Datasheet HTML 63Page - NXP Semiconductors FS32K142MHTXVLUTR Datasheet HTML 64Page - NXP Semiconductors FS32K142MHTXVLUTR Datasheet HTML 65Page - NXP Semiconductors FS32K142MHTXVLUTR Datasheet HTML 66Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 100 page
background image
Table 45. Comparator with 8-bit DAC electrical specifications for S32K14xW series
(continued)
Symbol
Description
Min.
Typ.
Max.
Unit
VHYST1
Analog comparator hysteresis, Hyst1, High-speed
mode
mV
-40 - 125
℃
—
19
66
-40 - 150
℃
—
19
90
Analog comparator hysteresis, Hyst1, Low-speed
mode
-40 - 125
℃
—
15
40
-40 - 150
℃
—
15
40
VHYST2
Analog comparator hysteresis, Hyst2, High-speed
mode
mV
-40 - 125
℃
—
34
133
-40 - 150
℃
—
34
186
Analog comparator hysteresis, Hyst2, Low-speed
mode
-40 - 125
℃
—
23
80
-40 - 150
℃
—
23
80
VHYST3
Analog comparator hysteresis, Hyst3, High-speed
mode
mV
-40 - 125
℃
—
46
200
-40 - 150
℃
—
46
280
Analog comparator hysteresis, Hyst3, Low-speed
mode
-40 - 125
℃
—
32
120
-40 - 150
℃
—
32
120
IDAC8b
8-bit DAC current adder (enabled)
3.3V Reference Voltage
—
6
9
μA
5V Reference Voltage
—
10
16
μA
INL5
8-bit DAC integral non-linearity
LSB6
-40 - 125
℃
–0.75
—
0.75
-40 - 150
℃
-2
—
2
DNL
8-bit DAC differential non-linearity
–0.5
—
0.5
LSB-1
tDDAC
Initialization and switching settling time
—
—
30
μs
1. Difference at input > 200mV
2. Applied ± (100 mV + VHYST0/1/2/3+ max. of VAIO) around switch point.
3. Applied ± (30 mV + 2 × VHYST0/1/2/3+ max. of VAIO) around switch point.
4. Applied ± (100 mV + VHYST0/1/2/3).
5. Calculation method used: Linear Regression Least Square Method
6. 1 LSB = Vreference/256
NOTE
For comparator IN signals adjacent to VDD/VSS or XTAL/
EXTAL or switching pins cross coupling may happen and
ADC electrical specifications
S32K1xx Data Sheet, Rev. 12, 02/2020
62
NXP Semiconductors



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com