công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

FS32K142MHTXVLUTR bảng dữ liệu(PDF) 69 Page - NXP Semiconductors

tên linh kiện FS32K142MHTXVLUTR
Giải thích chi tiết về linh kiện  Low-power Arm Cortex-M4F/M0 core with excellent energy efficiency
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  NXP [NXP Semiconductors]
Trang chủ  http://www.nxp.com
Logo NXP - NXP Semiconductors

FS32K142MHTXVLUTR bảng dữ liệu(HTML) 69 Page - NXP Semiconductors

Back Button FS32K142MHTXVLUTR Datasheet HTML 65Page - NXP Semiconductors FS32K142MHTXVLUTR Datasheet HTML 66Page - NXP Semiconductors FS32K142MHTXVLUTR Datasheet HTML 67Page - NXP Semiconductors FS32K142MHTXVLUTR Datasheet HTML 68Page - NXP Semiconductors FS32K142MHTXVLUTR Datasheet HTML 69Page - NXP Semiconductors FS32K142MHTXVLUTR Datasheet HTML 70Page - NXP Semiconductors FS32K142MHTXVLUTR Datasheet HTML 71Page - NXP Semiconductors FS32K142MHTXVLUTR Datasheet HTML 72Page - NXP Semiconductors FS32K142MHTXVLUTR Datasheet HTML 73Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 100 page
background image
Table 46. LPSPI electrical specifications1 (continued)
Descripti
on
Conditions
Run Mode2
HSRUN Mode2
VLPR Mode (S32K1xx)
VLPR Mode (S32K14xW)
Un
it
5.0 V IO
3.3 V IO
5.0 V IO
3.3 V IO
5.0 V IO
3.3 V IO
5.0 V IO
3.3 V IO
Min
Max
Min
Max
Min
Max
Min
Max
Min
Max
Min
Max Min
Max
Min
Max
Master
Loopback5
-10
-
-14
-
-10
-
-14
-
-14
-
-19
-
-19
-
-19
-
Master
Loopback(sl
ow)6
-15
-
-22
-
-15
-
-22
-
-21
-
-27
-
-30
-
-30
-
12
tRI/FI Rise/Fall
time input
Slave
-
1
-
1
-
1
-
1
-
1
-
1
-
1
-
1
ns
Master
-
-
-
-
-
-
-
-
Master
Loopback5
-
-
-
-
-
-
-
-
Master
Loopback(sl
ow)6
-
-
-
-
-
-
-
-
13
tRO/FO Rise/Fall
time
output
Slave
-
25
-
25
-
25
-
25
-
25
-
25
-
25
-
25
ns
Master
-
-
-
-
-
-
-
-
Master
Loopback 5
-
-
-
-
-
-
-
-
Master
Loopback(sl
ow) 6
-
-
-
-
-
-
-
-
1.
Trace length should not exceed 11 inches for SCK pad when used in Master loopback mode.
2.
While transitioning from HSRUN mode to RUN mode, LPSPI output clock should not be more than 14 MHz.
3.
fperiph = LPSPI peripheral clock
4.
tperiph = 1/fperiph
5.
Master Loopback mode - In this mode LPSPI_SCK clock is delayed for sampling the input data which is enabled by setting LPSPI_CFGR1[SAMPLE] bit as 1.
Clock pads used are PTD15 and PTE0. Applicable only for LPSPI0.
6.
Master Loopback (slow) - In this mode LPSPI_SCK clock is delayed for sampling the input data which is enabled by setting LPSPI_CFGR1[SAMPLE] bit as 1.
Clock pad used is PTB2. Applicable only for LPSPI0.
7.
This is the maximum operating frequency (fop) for LPSPI0 with GPIO-HD PAD type only. Otherwise, the maximum operating frequency (fop) is 12 Mhz.
8.
Set the PCSSCK configuration bit as 0, for a minimum of 1 delay cycle of LPSPI baud rate clock, where PCSSCK ranges from 0 to 255.
9.
Set the SCKPCS configuration bit as 0, for a minimum of 1 delay cycle of LPSPI baud rate clock, where SCKPCS ranges from 0 to 255.
10.
While selecting odd dividers, ensure Duty Cycle is meeting this parameter.
11.
Maximum operating frequency (fop ) is 12 MHz irrespective of PAD type and LPSPI instance.
12.
Applicable for LPSPI0 only with GPIO-HD PAD type, with maximum operating frequency (fop) as 14 MHz.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com