công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MPF5024AMBA0ES bảng dữ liệu(PDF) 66 Page - NXP Semiconductors

tên linh kiện MPF5024AMBA0ES
Giải thích chi tiết về linh kiện  Power management integrated circuit (PMIC) for high performance applications
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  NXP [NXP Semiconductors]
Trang chủ  http://www.nxp.com
Logo NXP - NXP Semiconductors

MPF5024AMBA0ES bảng dữ liệu(HTML) 66 Page - NXP Semiconductors

Back Button MPF5024AMBA0ES Datasheet HTML 62Page - NXP Semiconductors MPF5024AMBA0ES Datasheet HTML 63Page - NXP Semiconductors MPF5024AMBA0ES Datasheet HTML 64Page - NXP Semiconductors MPF5024AMBA0ES Datasheet HTML 65Page - NXP Semiconductors MPF5024AMBA0ES Datasheet HTML 66Page - NXP Semiconductors MPF5024AMBA0ES Datasheet HTML 67Page - NXP Semiconductors MPF5024AMBA0ES Datasheet HTML 68Page - NXP Semiconductors MPF5024AMBA0ES Datasheet HTML 69Page - NXP Semiconductors MPF5024AMBA0ES Datasheet HTML 70Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 66 / 93 page
background image
NXP Semiconductors
PF5024
Power management integrated circuit (PMIC) for high performance applications
PF5024
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2020. All rights reserved.
Product data sheet
Rev. 1 — 15 April 2020
66 / 93
aaa-028072
WD refresh OK
WD_EXPIRE_CNT
WD refresh NOK
WD refresh
NOK
WD refresh
NOK
WD refresh
NOK
WD refresh
NOK
WD refresh NOK
WD refresh
NOK
WD refresh OK
WD refresh OK
WD refresh OK
WD refresh
NOK
WD EVENT
WD refresh OK
WD refresh OK
WD refresh OK
WD refresh OK
n =
WD_MAX
_EXPIRE
5
4
3
2
1
0
0
WD_TIMER
Expired
WD refresh NOK
0
WD_TIMER
Expired
WD_TIMER
50 % Window
WD_TIMER
100 % Window
Figure 28. Watchdog timer operation
The watchdog function can be enabled or disabled by writing the WD_EN bit in the I2C
register map. When the I2C_SECURE_EN = 1, a secure write must be performed to
change the WD_EN bit.
• When WD_EN = 0 the internal watchdog timer operation is disabled.
• When WD_EN = 1 the internal watchdog timer operation is enabled.
The OTP_WD_EN bit is used to select the default status of the watchdog counter upon
power up.
The watchdog function can be programmed to be enabled or disabled during the
Standby state by writing the WD_STBY_EN bit in the I2C register map. When the
I2C_SECURE_EN = 1, a secure write must be performed to modify the WD_STBY_EN
bit.
• When WD_STBY_EN = 0 the internal watchdog timer operation during standby is
disabled.
• When WD_STBY_EN = 1 the internal watchdog timer operation during standby is
enabled.
The OTP_WD_STBY_EN bit selects whether the watchdog is active in Standby mode by
default or not.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com