công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MPF5024AMBA0ES bảng dữ liệu(PDF) 14 Page - NXP Semiconductors

tên linh kiện MPF5024AMBA0ES
Giải thích chi tiết về linh kiện  Power management integrated circuit (PMIC) for high performance applications
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  NXP [NXP Semiconductors]
Trang chủ  http://www.nxp.com
Logo NXP - NXP Semiconductors

MPF5024AMBA0ES bảng dữ liệu(HTML) 14 Page - NXP Semiconductors

Back Button MPF5024AMBA0ES Datasheet HTML 10Page - NXP Semiconductors MPF5024AMBA0ES Datasheet HTML 11Page - NXP Semiconductors MPF5024AMBA0ES Datasheet HTML 12Page - NXP Semiconductors MPF5024AMBA0ES Datasheet HTML 13Page - NXP Semiconductors MPF5024AMBA0ES Datasheet HTML 14Page - NXP Semiconductors MPF5024AMBA0ES Datasheet HTML 15Page - NXP Semiconductors MPF5024AMBA0ES Datasheet HTML 16Page - NXP Semiconductors MPF5024AMBA0ES Datasheet HTML 17Page - NXP Semiconductors MPF5024AMBA0ES Datasheet HTML 18Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 93 page
background image
NXP Semiconductors
PF5024
Power management integrated circuit (PMIC) for high performance applications
PF5024
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2020. All rights reserved.
Product data sheet
Rev. 1 — 15 April 2020
14 / 93
Register to control the regulators output voltage, regulator enable, interrupt masks, and
other miscellaneous functions can be written to or read from the functional I2C register
map during the system On state.
13.1.6.1 Run state
If the power up state is successfully completed, the state machine transitions to the run
state. In this state, RESETBMCU is released high, and the MCU is expected to boot up
and set up specific registers on the PMIC as required during the system boot up process.
The Run mode is intended to be used as the normal mode of operation for the system.
Each regulator has specific registers to control its output voltage, operation mode and/or
enable/disable state during the run state.
By default, the VSWx_RUN[7:0] register is loaded with the data stored in the
OTP_VSWx[7:0] bit.
Upon power up, if the switching regulator is part of the power up sequence, the
SWx_RUN_MODE[1:0] bits will be loaded as needed by the system:
• When OTP_SYNC_MODE = 1, default SWx_RUN_MODE at power up is always set to
PWM (0b01)
• When OTP_SYNC_MODE = 0 and OTP_SYNCOUT_EN = 1, default
SWx_RUN_MODE at power up is always set to PWM (0b01)
• When OTP_FSS_EN = 1, default SWx_RUN_MODE at power up shall always set to
PWM (0b01)
• If none of the above conditions are met, the default value of the SWx_RUN_MODE bits
at power up will be set by the OTP_SW_MODE bits.
When OTP_SW_MODE = 0, the default value of the SWx_RUN_MODE bits are set to
0b11 (autoskip).
When OTP_SW_MODE = 1, the default value of the SWx_RUN_MODE bits are set to
0b01 (PWM).
If the switching regulator is not part of the power up sequence, the
SWx_RUN_MODE[1:0] bits are loaded with 0b00 (Off mode).
In a typical system, each time the processor boots up (PMIC transitions from Off mode
to run state), all output voltage configurations are reset to the default OTP configuration,
and the MCU should configure the PMIC to its desired usage in the application.
13.1.6.2 Standby state
The standby state is intended to be used as a low power (state retention) mode of
operation. In this state, the voltage regulators can be preset to a specific low power
configuration in order to reduce the power consumption during system’s sleep or state
retention modes of operations.
The standby state is entered when the STANDBY pin is pulled high or low as defined
by the STANBYINV bit. The STANDBY pin is pulled high/low by the MCU to enter/exit
system low power mode. See Section 14.9.2 "STANDBY" for detailed configuration of the
STANDBY pin.
Each regulator has specific registers to control its output voltage, operation mode and/or
enable/disable state during the standby state.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com