| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
ISM303DAC bảng dữ liệu(PDF) 29 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
ISM303DAC bảng dữ liệu(HTML) 29 Page - STMicroelectronics |
|
29 / 80 page ![]() DocID030988 Rev 2 29/80 ISM303DAC Functionality 80 4.2 Accelerometer 4.2.1 Accelerometer power modes The ISM303DAC accelerometer provides two different power modes: high-resolution (including high-frequency mode) and low-power modes. The following tables summarize the selection of the different operating modes as well as the low-pass filter and current consumption. Table 14. Accelerometer operating modes CTRL1_A(ODR[3:1]) CTRL1_A(HF_ODR) ODR selection [Hz] Bit resolution Mode Accelerometer low-power mode 0000 - - - PD 1000 - 1 10 LP 1001 - 12.5 1010 - 25 1011 - 50 1100 - 100 1101 - 200 1110 - 400 1111 - 800 Accelerometer high-resolution mode 0001 - 12.5 14 HR 0010 - 25 0011 - 50 0100 - 100 0101 0 200 0110 0 400 0111 0 800 0101 1 1600 12 HF 0110 1 3200 0111 1 6400 |