| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
ISM303DAC bảng dữ liệu(PDF) 22 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
ISM303DAC bảng dữ liệu(HTML) 22 Page - STMicroelectronics |
|
22 / 80 page ![]() Functionality ISM303DAC 22/80 DocID030988 Rev 2 4 Functionality 4.1 Magnetometer 4.1.1 Magnetometer power modes The ISM303DAC magnetometer provides two different power modes: high-resolution and low-power modes. The tables below summarize the magnetometer RMS noise values and current consumption in different product configurations. When the low-pass filter is enabled, the bandwidth is reduced while noise performance is improved without any increase in power consumption. Table 10. RMS noise of operating modes CFG_REG_B_M[LPF] or CFG_REG_B_M[OFF_CANC] (CFG_REG_A_M [LP = 0]) high-resolution mode (CFG_REG_A_M [LP = 1]) low-power mode BW [Hz] Noise RMS [mg] BW [Hz] Noise RMS [mg] 0 (disable) ODR/2 4.5 ODR/2 9 1 (enable) ODR/4 3 ODR/4 6 Table 11. Current consumption of operating modes ODR (Hz) Current consumption (μA) (CFG_REG_A_M [LP] = 0) high-resolution CFG_REG_B_M [OFF_CANC] = 0 Current consumption (μA) (CFG_REG_A_M [LP] = 1) low-power CFG_REG_B_M [OFF_CANC] = 0 Current consumption (μA) (CFG_REG_A_M [LP] = 0) high-resolution CFG_REG_B_M [OFF_CANC] = 1 Current consumption (μA) (CFG_REG_A_M [LP] = 1) low-power CFG_REG_B_M [OFF_CANC] = 1 10 100 25 125 55 20 200 50 240 105 50 475 125 590 255 100 950 250 1180 505 |