công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ISM303DAC bảng dữ liệu(PDF) 68 Page - STMicroelectronics

tên linh kiện ISM303DAC
Giải thích chi tiết về linh kiện  High-performance, low-power, compact 3D accelerometer and 3D magnetometer module
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  STMICROELECTRONICS [STMicroelectronics]
Trang chủ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ISM303DAC bảng dữ liệu(HTML) 68 Page - STMicroelectronics

Back Button ISM303DAC Datasheet HTML 64Page - STMicroelectronics ISM303DAC Datasheet HTML 65Page - STMicroelectronics ISM303DAC Datasheet HTML 66Page - STMicroelectronics ISM303DAC Datasheet HTML 67Page - STMicroelectronics ISM303DAC Datasheet HTML 68Page - STMicroelectronics ISM303DAC Datasheet HTML 69Page - STMicroelectronics ISM303DAC Datasheet HTML 70Page - STMicroelectronics ISM303DAC Datasheet HTML 71Page - STMicroelectronics ISM303DAC Datasheet HTML 72Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 80 page
background image
Register description
ISM303DAC
68/80
DocID030988 Rev 2
8.28
6D_SRC_A (39h)
6D source register (r)
Table 81. 6D_SRC_A register
8.29
FUNC_SRC_A (3Eh)
Functional source register (r)
Table 83. FUNC_SRC_A register
Table 84. FUNC_SRC_A register description
-
6D_IA
ZH
ZL
YH
YL
XH
XL
Table 82. 6D_SRC_A register description
6D_IA
Source of change in position portrait/landscape/face-up/face-down.
(0: no event detected; 1: a change in position is detected)
ZH
ZH overthreshold
(0: ZH does not exceed the threshold; 1: ZH is over the threshold)
ZL
ZL overthreshold
(0: ZL does not exceed the threshold; 1: ZL is over the threshold)
YH
YH overthreshold
(0: YH does not exceed the threshold; 1: YH is over the threshold)
YL
YL overthreshold
(0: YL does not exceed the threshold; 1: YL is over the threshold)
XH
XH overthreshold:
(0: XH does not exceed the threshold; 1: XH is over the threshold)
XL
XL overthreshold
(0: XL does not exceed the threshold; 1: XL is over the threshold)
-----
0
MODULE_
READY
-
MODULE_READY
Module status.
(0: new module data not available, 1: new module data available)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80