| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
SH79F166AP044PR bảng dữ liệu(PDF) 77 Page - List of Unclassifed Manufacturers |
|
|
|||||||||||||||||||||||||||||
SH79F166AP044PR bảng dữ liệu(HTML) 77 Page - List of Unclassifed Manufacturers |
|
77 / 113 page ![]() SH79F166A 77 任何将SBUF作为目标寄存器的写操作都会启动发送。下一个系统时钟Tx控制块开始发送。数据转换发生在移位时钟的下降 沿,移位寄存器的内容逐次从左往右移位,空位置0。当移位寄存器中的所有8位都发送后,Tx控制模块停止发送操作,然后在 下一个系统时钟的上升沿将TI置1(SCON.1)。 Write to SBUF D0 D1 D2 D3 D4 D5 D6 D7 RxD TI Send Timing of Mode 0 TxD REN(SCON.4)置1和RI(SCON.0)清0初始化接收。下一个系统时钟启动接收,在移位时钟的上升沿锁存数据,接收转 换寄存器的内容逐次向左移位。当所有8位都接收到接收移位寄存器中后,Rx控制块停止接收,然后在下一个系统时钟的上升沿 上RI置1,直到被软件清0才允许接收。 RxD D0 D1 D2 D3 D4 D5 D6 D7 RI Receive Timing of Mode 0 TxD 方式1:8位EUART,可变波特率,异步全双工 方式1提供10位全双工异步通信,10位由一个起始位(逻辑0),8个数据位(低位为第一位),和一个停止位(逻辑1)组 成。在接收时,这8个数据位存储在SBUF中而停止位储存在RB8(SCON.2)中。串行收发波特率为定时器4/2溢出率的1/16(详 见波特率章节)。功能块框图如下图所示: Timer 4 Overflow SERIAL CONTROLLER TX CLOCK TX START TX SHIFT TI RI RX CLOCK LOAD SBUF RX START RX SHIFT Serial Port Interrupt CLOCK SIN PAROUT RXD Read SBUF Internal Data Bus Receive Shift Register Timer 2 Overflow 1 0 1 0 16 ÷ 16 ÷ 1-TO-0 DETECTOR Write to SBUF BIT DETECTOR D8 SBUF RB8 SAMPLE TXD PARIN LOAD CLOCK SOUT Internal Data Bus Transmit Shift Register START D8 TB8 STOP TCLK RCLK |