| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
EKTF6708 bảng dữ liệu(PDF) 29 Page - ELAN Microelectronics Corp |
|
|
|||||||||||||||||||||||||||||
EKTF6708 bảng dữ liệu(HTML) 29 Page - ELAN Microelectronics Corp |
|
29 / 158 page ![]() eKTF6708 8-Bit Microcontroller IC Product Specification (V1.2) 03.12.2020 19 (This specification is subject to change without prior notice) 1: Enable I 2C wake-up NOTE When I2C is in Slave mode, it cannot communicate with the MCU in Green mode. At the same time, the SCL in on hold and kept at low level when the MCU is in Green mode. SCL is released when the MCU switches to Normal mode. Bits 1~0: Not used. Set to "0" all the time. |