| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
EKTF6708 bảng dữ liệu(PDF) 155 Page - ELAN Microelectronics Corp |
|
|
|||||||||||||||||||||||||||||
EKTF6708 bảng dữ liệu(HTML) 155 Page - ELAN Microelectronics Corp |
|
155 / 158 page ![]() eKTF6708 8-Bit Microcontroller IC Product Specification (V1.2) 03.12.2020 145 (This specification is subject to change without prior notice) C Ordering and Manufacturing Information eKT F 6708SO16J Pin Number Package Type QN : QFN SO : SOP Product Number Product Type F :Flash Elan8 - bit Product For example : eKTF6708SO16J is eKTF6708 with Flash program memory, in16 - pin QFN package Material Type J : RoHS complied S : Sony SS- 00259complied Contact Elan Sales for details eKTFaaaa 1041 bbbbbb Batch Number Elan Product Number Manufacture Date “YYWW” YY is year and WW is week ‧‧‧‧‧‧‧ ‧‧‧‧‧‧‧ |