công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

CS47L24 bảng dữ liệu(PDF) 33 Page - Cirrus Logic

tên linh kiện CS47L24
Giải thích chi tiết về linh kiện  Low Power Audio Hub for Wearable Technology
PDF  256 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  CIRRUS [Cirrus Logic]
Trang chủ  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS47L24 bảng dữ liệu(HTML) 33 Page - Cirrus Logic

Back Button CS47L24 Datasheet HTML 29Page - Cirrus Logic CS47L24 Datasheet HTML 30Page - Cirrus Logic CS47L24 Datasheet HTML 31Page - Cirrus Logic CS47L24 Datasheet HTML 32Page - Cirrus Logic CS47L24 Datasheet HTML 33Page - Cirrus Logic CS47L24 Datasheet HTML 34Page - Cirrus Logic CS47L24 Datasheet HTML 35Page - Cirrus Logic CS47L24 Datasheet HTML 36Page - Cirrus Logic CS47L24 Datasheet HTML 37Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 256 page
background image
CS47L24
Rev 4.1
33
INPUT SIGNAL PATH
The CS47L24 provides two stereo digital input paths, supporting up to four digital microphone inputs.
The digital input paths interface directly with external digital microphones; a separate microphone interface clock is
provided for 2 separate stereo pairs of digital microphones. Digital delay can be applied to any of the digital input paths;
this can be used for phase adjustment of any digital input, including directional control of multiple microphones.
Two microphone bias (MICBIAS) generators are available, which provide a low noise reference voltage, suitable for
powering digital microphones.
Digital volume control is available on the microphone inputs, with programmable ramp control for smooth, glitch-free
operation. The input signal paths and control registers are illustrated in Figure 9.
IN1L_ENA
IN1R_ENA
DMICDAT1
DMICCLK1
IN1_DMIC_SUP [1:0]
IN1L_DMIC_DLY [5:0]
IN1R_DMIC_DLY [5:0]
IN1_OSR
00 = 1.536MHz
01 = 3.072MHz
10 = 6.144MHz
11 = 768kHz
CLK
DAT
IN_HPF_CUT[2:0]
Digital Mic
Interface
IN1L_VOL [7:0]
IN1L_HPF
IN1R_VOL [7:0]
IN1R_HPF
IN2L_ENA
IN2R_ENA
DMICDAT2
DMICCLK2
IN2_DMIC_SUP [1:0]
IN2L_DMIC_DLY [5:0]
IN2R_DMIC_DLY [5:0]
IN2_OSR
00 = 1.536MHz
01 = 3.072MHz
10 = 6.144MHz
11 = 768kHz
CLK
DAT
Digital Mic
Interface
IN2L_VOL [7:0]
IN2L_HPF
IN2R_VOL [7:0]
IN2R_HPF
Figure 9 Input Signal Paths
DIGITAL MICROPHONE INPUT
Up to four digital microphones can be connected to the CS47L24. Two channels of audio data are multiplexed on the
DMICDAT1 and DMICDAT2 pins. Each of these stereo interfaces is clocked using the respective DMICCLK1 or
DMICCLK2 pin.
When digital microphone input is enabled, the CS47L24 outputs a clock signal on the applicable DMICCLKn pin(s). The
DMICCLKn frequency is controlled by the respective INn_OSR register, as described in Table 1. See Table 3 for details
of the INn_OSR registers.
Note that, if the 768kHz DMICCLKn frequency is selected for one or more of the digital microphone input paths, then the
Input Path sample rate (all input paths) is valid in the range 8kHz to 16kHz only.
Note that the DMICCLKn frequencies noted in Table 1 assume that the SYSCLK frequency is a multiple of 6.144MHz
(SYSCLK_FRAC=0). If the SYSCLK frequency is a multiple of 5.6448MHz (SYSCLK_FRAC=1), then the DMICCLKn
frequencies will be scaled accordingly.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com