công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

CS47L24 bảng dữ liệu(PDF) 80 Page - Cirrus Logic

tên linh kiện CS47L24
Giải thích chi tiết về linh kiện  Low Power Audio Hub for Wearable Technology
PDF  256 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  CIRRUS [Cirrus Logic]
Trang chủ  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS47L24 bảng dữ liệu(HTML) 80 Page - Cirrus Logic

Back Button CS47L24 Datasheet HTML 76Page - Cirrus Logic CS47L24 Datasheet HTML 77Page - Cirrus Logic CS47L24 Datasheet HTML 78Page - Cirrus Logic CS47L24 Datasheet HTML 79Page - Cirrus Logic CS47L24 Datasheet HTML 80Page - Cirrus Logic CS47L24 Datasheet HTML 81Page - Cirrus Logic CS47L24 Datasheet HTML 82Page - Cirrus Logic CS47L24 Datasheet HTML 83Page - Cirrus Logic CS47L24 Datasheet HTML 84Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 80 / 256 page
background image
CS47L24
80
Rev 4.1
The CS47L24 performs automatic checks to confirm that the SYSCLK frequency is high enough to support the digital
mixer paths. If an attempt is made to enable a PWM signal mixer path, and there are insufficient SYSCLK cycles to
support it, then the attempt will be unsuccessful. (Note that any signal paths that are already active will not be affected
under these circumstances.)
The Underclocked Error condition can be monitored using the GPIO and/or Interrupt functions. See “General Purpose
Input / Output
” and “Interrupts” for further details.
The status bits in Registers R1600 to R3000 indicate the status of each of the digital mixers. If an Underclocked Error
condition occurs, then these bits provide readback of which mixer(s) have been successfully enabled.
SAMPLE RATE CONTROL
The CS47L24 supports multiple signal paths through the digital core. Stereo full-duplex sample rate conversion is
provided to allow digital audio to be routed between interfaces operating at different sample rates and/or referenced to
asynchronous clock domains.
Two independent clock domains are supported, referenced to SYSCLK and ASYNCCLK respectively, as described in
“Clocking and Sample Rates”. Every digital signal path must be synchronised either to SYSCLK or to ASYNCCLK.
Up to five different sample rates may be in use at any time on the CS47L24. Three of these sample rates must be
synchronised to SYSCLK; the remaining two, where required, must be synchronised to ASYNCCLK.
Sample rate conversion is required when routing any audio path between digital functions that are asynchronous and/or
configured for different sample rates.
The Asynchronous Sample Rate Converter (ASRC) provides two stereo signal paths between the SYSCLK and
ASYNCCLK domains. The ASRC is described later, and is illustrated in Figure 28.
There are three Isochronous Sample Rate Converters (ISRCs). These provide four signal paths each between sample
rates on the SYSCLK domain, or between sample rates on the ASYNCCLK domain. The ISRCs are described later, and
are illustrated in Figure 29.
The sample rate of different blocks within the CS47L24 digital core are controlled as illustrated in Figure 26 and Figure
27 - the *_RATE registers select the applicable sample rate for each respective group of digital functions.
The *_RATE registers should not be changed if any of the *_SRCn registers associated with the respective functions is
non-zero. The associated *_SRCn registers should be cleared to 00h before writing new values to the *_RATE registers.
A minimum delay of 125µs should be allowed between clearing the *_SRCn registers and writing to the associated
*_RATE registers. See Table 21 for further details.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com