công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

CS47L24 bảng dữ liệu(PDF) 43 Page - Cirrus Logic

tên linh kiện CS47L24
Giải thích chi tiết về linh kiện  Low Power Audio Hub for Wearable Technology
PDF  256 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  CIRRUS [Cirrus Logic]
Trang chủ  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS47L24 bảng dữ liệu(HTML) 43 Page - Cirrus Logic

Back Button CS47L24 Datasheet HTML 39Page - Cirrus Logic CS47L24 Datasheet HTML 40Page - Cirrus Logic CS47L24 Datasheet HTML 41Page - Cirrus Logic CS47L24 Datasheet HTML 42Page - Cirrus Logic CS47L24 Datasheet HTML 43Page - Cirrus Logic CS47L24 Datasheet HTML 44Page - Cirrus Logic CS47L24 Datasheet HTML 45Page - Cirrus Logic CS47L24 Datasheet HTML 46Page - Cirrus Logic CS47L24 Datasheet HTML 47Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 256 page
background image
CS47L24
Rev 4.1
43
DIGITAL CORE
The CS47L24 digital core provides extensive mixing and processing capabilities for multiple signal paths. The
configuration is highly flexible, and virtually every conceivable input/output connection can be supported between the
available processing blocks.
The digital core provides parametric equalisation (EQ) functions, dynamic range control (DRC), low-pass / high-pass
filters (LHPF), and programmable DSP capability. The DSP can support functions such as wind noise, side-tone or other
programmable filters, also dynamic range control and compression, or virtual surround sound and other audio
enhancements.
The CS47L24 supports multiple signal paths through the digital core. Stereo full-duplex sample rate conversion is
provided to allow digital audio to be routed between input (DMIC) paths, output (DAC) paths, and Digital Audio Interfaces
(AIF1, AIF2 and AIF3) operating at different sample rates and/or referenced to asynchronous clock domains.
The DSP functions are highly programmable, using application-specific control sequences. It should be noted that the
DSP configuration data is lost whenever the DCVDD power domain is removed; the DSP configuration data must be
downloaded to the CS47L24 each time the device is powered up.
The procedure for configuring the CS47L24
DSP functions is tailored to each customer’s application; please contact your
local Cirrus Logic representative for more details.
The CS47L24 incorporates two 1
kHz tone generators which can be used for ‘beep’ functions through any of the audio
signal paths. A white noise generator is incorporated, to provide ‘comfort noise’ in cases where silence (digital mute) is
not desirable.
A haptic signal generator is provided, for use with external haptic devices (e.g., mechanical vibration actuators). Two
Pulse Width Modulation (PWM) signal generators are also provided; the PWM waveforms can be modulated by an audio
source within the digital core, and can be output on a GPIO pin.
An overview of the digital core processing and mixing functions is provided in Figure 12. An overview of the external
digital interface paths is provided in Figure 13.
The control registers associated with the digital core signal paths are shown in Figure 14 through to Figure 29. The full
list of digital mixer control registers is provided in the “Register Map” section (Register R1600 through to R3000). Generic
register definitions are provided in Table 7.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com