công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MXT1664T3-C2UESSQTP bảng dữ liệu(PDF) 71 Page - Microchip Technology

tên linh kiện MXT1664T3-C2UESSQTP
Giải thích chi tiết về linh kiện  maXTouch 1664-node Touchscreen Controller
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MICROCHIP [Microchip Technology]
Trang chủ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MXT1664T3-C2UESSQTP bảng dữ liệu(HTML) 71 Page - Microchip Technology

Back Button MXT1664T3-C2UESSQTP Datasheet HTML 67Page - Microchip Technology MXT1664T3-C2UESSQTP Datasheet HTML 68Page - Microchip Technology MXT1664T3-C2UESSQTP Datasheet HTML 69Page - Microchip Technology MXT1664T3-C2UESSQTP Datasheet HTML 70Page - Microchip Technology MXT1664T3-C2UESSQTP Datasheet HTML 71Page - Microchip Technology MXT1664T3-C2UESSQTP Datasheet HTML 72Page - Microchip Technology MXT1664T3-C2UESSQTP Datasheet HTML 73Page - Microchip Technology MXT1664T3-C2UESSQTP Datasheet HTML 74Page - Microchip Technology MXT1664T3-C2UESSQTP Datasheet HTML 75Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 98 page
background image
MXT1664T3 2.0
 2018 Microchip Technology Inc.
DS40002054A-page 71
14.3
Test Configuration
The configuration values listed below were used in the reference unit to validate the interfaces and derive the
characterization data provided in the following sections.
TABLE 14-1:
TEST CONFIGURATION
Object/Parameter
Description/Setting
Acquisition Configuration T8
CHRGTIME
50
MEASALLOW
11
MEASIDLEDEF
2
MEASACTVDEF
2
GPIO Configuration T19
Object Enabled
Self Test T25
Object Enabled
CTE Configuration T46
IDLESYNCSPERX
16
ACTVSYNCSPERX
16
Passive Stylus T47
Object Enabled
Shieldless T56
Object Enabled
INTTIME
29
Lens Bending T65
Object Enabled
Noise Suppression T72
Object Enabled
CTE Scan Configuration T77
Object Enabled
Glove Detection T78
Object Enabled
Retransmission Compensation T80
Object Enabled
Multiple Touch Touchscreen T100
Object Enabled
XSIZE
32
YSIZE
52
Auxiliary Touch Configuration T104
Object Enabled
Self Capacitance Noise Suppression T108
Object Enabled
Self Capacitance Configuration T111 Instance 0
INTTIME
45
IDLESYNCSPERL
24
ACTVSYNCSPERL
24
Self Capacitance Configuration T111 Instance 1
INTTIME
55
IDLESYNCSPERL
32
ACTVSYNCSPERL
32



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98