công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MXT1664T3-C2UESSQTP bảng dữ liệu(PDF) 25 Page - Microchip Technology

tên linh kiện MXT1664T3-C2UESSQTP
Giải thích chi tiết về linh kiện  maXTouch 1664-node Touchscreen Controller
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MICROCHIP [Microchip Technology]
Trang chủ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MXT1664T3-C2UESSQTP bảng dữ liệu(HTML) 25 Page - Microchip Technology

Back Button MXT1664T3-C2UESSQTP Datasheet HTML 21Page - Microchip Technology MXT1664T3-C2UESSQTP Datasheet HTML 22Page - Microchip Technology MXT1664T3-C2UESSQTP Datasheet HTML 23Page - Microchip Technology MXT1664T3-C2UESSQTP Datasheet HTML 24Page - Microchip Technology MXT1664T3-C2UESSQTP Datasheet HTML 25Page - Microchip Technology MXT1664T3-C2UESSQTP Datasheet HTML 26Page - Microchip Technology MXT1664T3-C2UESSQTP Datasheet HTML 27Page - Microchip Technology MXT1664T3-C2UESSQTP Datasheet HTML 28Page - Microchip Technology MXT1664T3-C2UESSQTP Datasheet HTML 29Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 98 page
background image
MXT1664T3 2.0
 2018 Microchip Technology Inc.
DS40002054A-page 25
4.0
SENSOR LAYOUT
The specific electrode designs used in Microchip touchscreens are the subject of various patents and patent
applications. Further information is available on request.
The device supports various configurations of electrodes as summarized below:
• Touchscreen: 32 X × 52 Y maximum (subject to other configurations)
When designing the physical layout of the touch panel, the following rules must be obeyed:
• The Touchscreen object should be a regular rectangular shape in terms of the lines it uses.
• It is recommended that the Touchscreen should start at X0, Y0; if self-capacitance measurements are enabled,
the Touchscreen must start at X0, Y0. If a design requires the touchscreen to be located in a region that does not
start at X0, Y0, seek advice from Microchip first.
4.1
Screen Size
Table 4-1 lists some typical screen size and electrode pitch combinations to achieve various aspect ratios.
TABLE 4-1:
TYPICAL SCREEN SIZES
Aspect Ratio
Matrix Size
Node Count
Screen Diagonal (Inches)
3.8 mm Pitch (1)
5 mm Pitch
6 mm Pitch
6.5 mm Pitch
16:10
X = 32, Y = 52
1664
9.13
12.02
14.42
15.62
16:9
X = 29, Y = 52
1508
8.91
11.72
14.06
15.24
4:3
X = 32, Y = 43
1376
8.02
10.55
12.66
13.72
2:1
X = 26, Y = 52
1352
8.7
11.44
13.73
14.88
Note
1:
Recommended sensor pitch for 1.5 mm passive stylus tip diameter
2:
The figures given in the table are for a Touchscreen and show the largest node count possible to achieve the desired
aspect ratio.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com