công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MXT1664T3-C2UESSQTP bảng dữ liệu(PDF) 37 Page - Microchip Technology

tên linh kiện MXT1664T3-C2UESSQTP
Giải thích chi tiết về linh kiện  maXTouch 1664-node Touchscreen Controller
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MICROCHIP [Microchip Technology]
Trang chủ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MXT1664T3-C2UESSQTP bảng dữ liệu(HTML) 37 Page - Microchip Technology

Back Button MXT1664T3-C2UESSQTP Datasheet HTML 33Page - Microchip Technology MXT1664T3-C2UESSQTP Datasheet HTML 34Page - Microchip Technology MXT1664T3-C2UESSQTP Datasheet HTML 35Page - Microchip Technology MXT1664T3-C2UESSQTP Datasheet HTML 36Page - Microchip Technology MXT1664T3-C2UESSQTP Datasheet HTML 37Page - Microchip Technology MXT1664T3-C2UESSQTP Datasheet HTML 38Page - Microchip Technology MXT1664T3-C2UESSQTP Datasheet HTML 39Page - Microchip Technology MXT1664T3-C2UESSQTP Datasheet HTML 40Page - Microchip Technology MXT1664T3-C2UESSQTP Datasheet HTML 41Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 98 page
background image
MXT1664T3 2.0
 2018 Microchip Technology Inc.
DS40002054A-page 37
FIGURE 8-5:
CONTINUOUS MESSAGE READ EXAMPLE – I2C CHECKSUM MODE
There are no checksums added on any other I2C reads. An 8-bit CRC can be added, however, to all I2C writes, as
described in Section 8.3 “I2C Writes in Checksum Mode”.
An alternative method of reading messages using the CHG line is given in Section 8.6 “CHG Line”.
8.6
CHG Line
The CHG line is an active-low, open-drain output that is used to alert the host that a new message is available in the
Message Processor T5 object. This provides the host with an interrupt-style interface with the potential for fast response
times. It reduces the need for wasteful I2C communications.
The CHG line should always be configured as an input on the host during normal usage. This is particularly important
after power-up or reset (see Section 5.0 “Power-up / Reset Requirements”).
A pull-up resistor is required to VddIO (see Section 2.0 “Schematics”).
The CHG line operates in two modes when it is used with I2C communications, as defined by the Communications
Configuration T18 object.
Report ID
Data
Data
Checksum
Report ID
Data
Data
Checksum
Start Address of
Message Count Object
Set Address Pointer
Read Message Count
START
SLA+R
Count = 3
Message Count Object
Read Message Data
Message Processor Object – Message # 1
size bytes
Message Processor Object – Message # 2
Message Processor Object – Message # 3
STOP
Continuous
Read
START
SLA+W
LSB
MSB | 0x80
Checksum
STOP
Report ID
Data
Data
Checksum



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com