công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MXT1664T3-C2UESSQTP bảng dữ liệu(PDF) 44 Page - Microchip Technology

tên linh kiện MXT1664T3-C2UESSQTP
Giải thích chi tiết về linh kiện  maXTouch 1664-node Touchscreen Controller
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MICROCHIP [Microchip Technology]
Trang chủ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MXT1664T3-C2UESSQTP bảng dữ liệu(HTML) 44 Page - Microchip Technology

Back Button MXT1664T3-C2UESSQTP Datasheet HTML 40Page - Microchip Technology MXT1664T3-C2UESSQTP Datasheet HTML 41Page - Microchip Technology MXT1664T3-C2UESSQTP Datasheet HTML 42Page - Microchip Technology MXT1664T3-C2UESSQTP Datasheet HTML 43Page - Microchip Technology MXT1664T3-C2UESSQTP Datasheet HTML 44Page - Microchip Technology MXT1664T3-C2UESSQTP Datasheet HTML 45Page - Microchip Technology MXT1664T3-C2UESSQTP Datasheet HTML 46Page - Microchip Technology MXT1664T3-C2UESSQTP Datasheet HTML 47Page - Microchip Technology MXT1664T3-C2UESSQTP Datasheet HTML 48Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 98 page
background image
MXT1664T3 2.0
DS40002054A-page 44
 2018 Microchip Technology Inc.
FIGURE 9-9:
SEND AUTO-RETURN – COMMAND PACKET FORMAT
In Figure 9-9:
• Rpt ID is the HID-I2C report ID used for Object Protocol commands and responses (see Table 9-2 on page 40).
• Command ID is the command ID for the Send Auto-return command (0x88)
• Reserved Bytes are reserved bytes with a value of 0x00.
Note that with this command, the command packet does not include an address pointer as the device already knows
the address of the Message Processor T5 object.
The response packet has the format given in Figure 9-10.
FIGURE 9-10:
SEND AUTO-RETURN – RESPONSE PACKET FORMAT
Once the device has responded to the command, it starts sending message data. Each time a message is generated
in the Message Processor T5 object, the device automatically sends a message packet to the host with the data. The
message packets have the format given in Figure 9-11.
FIGURE 9-11:
SEND AUTO-RETURN – MESSAGE PACKET FORMAT
In Figure 9-11:
• Rpt ID is the HID-I2C report ID used for Object Protocol commands and responses (see Table 9-2 on page 40).
• ID Bytes identify the packet as an auto-return message packet.
• Message Report ID is the report ID returned by the Message Processor T5 object. Note that this is the report ID
used in the Object Protocol and should not be confused with the HID-I2C report ID. Refer to the mXT1664T3 2.0
Protocol Guide for more information on the use of Object Protocol report IDs.
• Message Data bytes are the bytes of data returned by the Message Processor T5 object. The size of the data
depends on the source object for which this is the message data. Any unused bytes are padded with zeros. Refer
to the mXT1664T3 2.0 Protocol Guide for more information on the messages from the various objects.
To stop the sending of the messages, the host can send a null command packet. This consists of two bytes: the HID-
I2C report ID for Object Protocol commands and responses (see Table 9-2 on page 40) and a null command byte of
0x00 (see Figure 9-12).
FIGURE 9-12:
SEND AUTO-RETURN – NULL COMMAND PACKET FORMAT
0x88
Command
ID
Rpt ID
Reserved Bytes
(12 Bytes)
0x00
0x00
...
Reserved Bytes
(12 Bytes)
0x00
0x00
...
0x88
Command
Received
Rpt ID
0xFA
0x00
ID Bytes
Message
Report ID
Msg ID
Data
n
Data 0
...
0x00
0x00
...
Rpt ID
Message Data
Unused Bytes
(Packet Padded to 14 Bytes)
0x00
Null
Command
ID
Rpt ID
Reserved Bytes
(12 Bytes)
0x00
0x00
...



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com