công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MXT1664T3-C2UESSQTP bảng dữ liệu(PDF) 56 Page - Microchip Technology

tên linh kiện MXT1664T3-C2UESSQTP
Giải thích chi tiết về linh kiện  maXTouch 1664-node Touchscreen Controller
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MICROCHIP [Microchip Technology]
Trang chủ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MXT1664T3-C2UESSQTP bảng dữ liệu(HTML) 56 Page - Microchip Technology

Back Button MXT1664T3-C2UESSQTP Datasheet HTML 52Page - Microchip Technology MXT1664T3-C2UESSQTP Datasheet HTML 53Page - Microchip Technology MXT1664T3-C2UESSQTP Datasheet HTML 54Page - Microchip Technology MXT1664T3-C2UESSQTP Datasheet HTML 55Page - Microchip Technology MXT1664T3-C2UESSQTP Datasheet HTML 56Page - Microchip Technology MXT1664T3-C2UESSQTP Datasheet HTML 57Page - Microchip Technology MXT1664T3-C2UESSQTP Datasheet HTML 58Page - Microchip Technology MXT1664T3-C2UESSQTP Datasheet HTML 59Page - Microchip Technology MXT1664T3-C2UESSQTP Datasheet HTML 60Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 98 page
background image
MXT1664T3 2.0
DS40002054A-page 56
 2018 Microchip Technology Inc.
FIGURE 10-16:
START DEBUG MONITORING – RESPONSE PACKET FORMAT
In Figure 10-16:
• Rpt ID is the same as that used in the command packet (either 0x01 or 0x02, as appropriate).
• Command ID is always 0xE1 (start debug monitoring command).
The debug data packet has the format given in Figure 10-17.
FIGURE 10-17:
DEBUG DATA PACKET FORMAT
In Figure 10-17:
• Packet Num is the number of this USB packet in the debug data frame (full set of debug data). Refer to
QTAN0050, Using the maXTouch Debug Port, for more information on the format of the debug data.
• Num Packets is the total number of USB packets that make up a debug data frame.
• Frame Num is the ID number of this frame.
• Data 0 to Data 59 are 59 bytes of debug data.
10.4.4
STOP DEBUG MONITORING
This command instructs the device to cease returning debug-monitoring data packets.
The command packet has the format given in Figure 10-18.
FIGURE 10-18:
STOP DEBUG MONITORING – COMMAND PACKET FORMAT
In Figure 10-18:
• Rpt ID can be either 0x01 or 0x02 (see Table 10-3 on page 50).
• Command ID is the command ID to stop debug monitoring (0xE2).
The response packet has the format given in Figure 10-19.
FIGURE 10-19:
STOP DEBUG MONITORING – RESPONSE PACKET FORMAT
In Figure 10-19:
• Rpt ID is the same as that used in the command packet (either 0x01 or 0x02, as appropriate).
• Command ID is always 0xE2 (stop debug monitoring command).
0xE1
Command
ID
Rpt ID
Reserved Bytes
(62 Bytes)
0x00
0x00
...
Packet
Num
Debug Data
Data 0
Data 59
Num
Packets
Frame
Num
Rpt ID
...
0xE2
Command
ID
Rpt ID
Reserved Bytes
(62 Bytes)
0x00
0x00
...
0xE2
Command
Received
Rpt ID
Reserved Bytes
(62 Bytes)
0x00
0x00
...



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com